Electronic Components Datasheet Search
  English  ▼

X  

AD8370 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8370 Datasheet HTML 10Page - Analog Devices AD8370 Datasheet HTML 11Page - Analog Devices AD8370 Datasheet HTML 12Page - Analog Devices AD8370 Datasheet HTML 13Page - Analog Devices AD8370 Datasheet HTML 14Page - Analog Devices AD8370 Datasheet HTML 15Page - Analog Devices AD8370 Datasheet HTML 16Page - Analog Devices AD8370 Datasheet HTML 17Page - Analog Devices AD8370 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8370
Rev. 0 | Page 14 of 28
OUTPUT AMPLIFIER
Table 4. Serial Programming Timing Parameters
Parameter
Min
Unit
Clock Pulse Width (TPW)
25
ns
Clock Period (TCK)
50
ns
Setup Time Data vs. Clock (TDS)
10
ns
Setup Time Latch vs. Clock (TES)
20
ns
Hold Time Latch vs. Clock (TEH)
10
ns
The output impedance is approximately 100 Ω differential and,
like the input preamplifier, this impedance is formed using
active circuit elements. See Figure 38 for a simplified schematic
of the output interface.
VCC/2
740
Ω
OPHI/OPLO
10
µA
CLCK/DATA/LTCH/PWUP
Figure 38. OPHI/OPLO Simplified Circuit
Figure 40. Simplified Circuit for Digital Inputs
The gain of the output amplifier, and thus the AD8370 as a
whole, is load dependent. The following equation can be used to
predict the gain deviation of the AD8370 from that at 100 Ω as
the load is varied:
VCC/2
75
Ω
VOCM
LOAD
R
ion
GainDeviat
98
1
98
.
1
+
=
For example, if RLOAD is 1 kΩ, the gain is a factor of 1.80 (5.12 dB)
above that at 100 Ω, all other things being equal. If RLOAD is 50 Ω,
the gain is a factor of 0.669 (3.49 dB) below that at 100 Ω.
Figure 41. Simplified Circuit for VOCM Output
DIGITAL INTERFACE AND TIMING
The digital control port uses a standard TTL interface. The 8-bit
control word is read in a serial fashion when the LTCH pin is
held low. The levels presented to the DATA pin are read on each
rising edge of the CLCK signal. Figure 39 illustrates the timing
diagram for the control interface. Minimum values for timing
parameters are presented in Table 4. Figure 40 is a simplified
schematic of the digital input pins.
DATA
(Pin 14)
CLCK
(Pin 13)
LTCH
(Pin 12)
TDS
TES
TEH
MSB
MSB-1 MSB-2 MSB-3
LSB
LSB+1
LSB+2
LSB+3
TCK
TPW
Figure 39. Digital Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com