Electronic Components Datasheet Search
  English  ▼

X  

AD8370 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8370
Description  LF to 750 MHz Digitally Controlled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8370 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8370 Datasheet HTML 12Page - Analog Devices AD8370 Datasheet HTML 13Page - Analog Devices AD8370 Datasheet HTML 14Page - Analog Devices AD8370 Datasheet HTML 15Page - Analog Devices AD8370 Datasheet HTML 16Page - Analog Devices AD8370 Datasheet HTML 17Page - Analog Devices AD8370 Datasheet HTML 18Page - Analog Devices AD8370 Datasheet HTML 19Page - Analog Devices AD8370 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD8370
Rev. 0 | Page 16 of 28
•
The high gain range has better linearity and SFDR at
higher gains.
•
Conversely, the low gain range has higher SFDR at lower
gains.
Figure 43 provides a summary of noise, OIP3, IIP3, and SFDR
as a function of device power gain. SFDR is defined as
()
S
N
NF
IIP
SFDR
−
−
=
3
3
2
where:
IIP3 is the input third-order intercept point, the output
intercept point in dBm minus the gain in dB.
NF is the noise figure in dB.
NS is source resistor noise, –174 dBm for a 1 Hz bandwidth at
300°K (27°C).
In general, NS = 10 log10(kTB), where k = 1.374 ×10−23 , T is the
temperature in degrees Kelvin, and B is the noise bandwidth in
Hertz.
–30
–20
–10
0
10
20
30
40
50
100
110
120
130
140
150
160
170
180
–30
–20
–10
0
10
20
30
40
POWER GAIN (dB)
SFDR HIGH GAIN
SFDR LOW GAIN
OIP3 HIGH GAIN
OIP3 LOW GAIN
IIP3 LOW GAIN
IIP3 HIGH GAIN
NF HIGH GAIN
NF LOW GAIN
Figure 43. OIP3, IIP3, NF, and SFDR Variation with Gain
As the gain increases, the input amplitude required to deliver
the same output amplitude is reduced. This results in less
distortion at the input stage, and therefore the OIP3 increases.
At some point, the distortion of the input stage becomes small
enough such that the nonlinearity of the output stage becomes
dominant. The OIP3 does not improve significantly as the gain
is increased beyond this point, which explains the knee in the
OIP3 curve. The IIP3 curve has a knee for the same reason;
however, as the gain is increased beyond the knee, the IIP3
starts to decrease rather than increase. This is because in this
region OIP3 is constant, therefore the higher the gain, the lower
the IIP3. The two gain ranges have equal SFDR at approximately
13 dB power gain.
LAYOUT AND OPERATING CONSIDERATIONS
Each input and output pin of the AD8370 presents either a
100 Ω or 50 Ω impedance relative to their respective ac grounds.
To ensure that signal integrity is not seriously impaired by the
printed circuit board, the relevant connection traces should
provide an appropriate characteristic impedance to the ground
plane. This can be achieved through proper layout.
When laying out an RF trace with a controlled impedance,
consider the following:
•
Space the ground plane to either side of the signal trace at
least 3 line-widths away to ensure that a microstrip
(vertical dielectric) line is formed, rather than a coplanar
(lateral dielectric) waveguide.
•
Ensure that the width of the microstrip line is constant and
that there are as few discontinuities as possible , such as
component pads, along the length of the line. Width varia-
tions cause impedance discontinuities in the line and may
result in unwanted reflections.
•
Do not use silkscreen over the signal line because it alters
the line impedance.
•
Keep the length of the input and output connection lines
as short as possible.
Figure 44 shows the cross section of a PC board and Table 5
show the dimensions that provide a 100 Ω line impedance for
FR-4 board material with
εr = 4.6.
Table 5.
100 Ω
50 Ω
W
22 mils
13 mils
H
53 mils
8 mils
T
2 mils
2 mils
W
3W
ER
3W
H
T
Figure 44. Cross-Sectional View of a PC Board
It possible to approximate a 100 Ω trace on a board designed
with the 50 Ω dimensions above by removing the ground plane
within 3 line-widths of the area directly below the trace.
The AD8370 contains both digital and analog sections. Care
should be taken to ensure that the digital and analog sections
are adequately isolated on the PC board. The use of separate
ground planes for each section connected at only one point via
a ferrite bead inductor ensures that the digital pulses do not
adversely affect the analog section of the AD8370.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com