Electronic Components Datasheet Search
  English  ▼

X  

MB90387 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB90387 Datasheet HTML 1Page - Cypress Semiconductor MB90387 Datasheet HTML 2Page - Cypress Semiconductor MB90387 Datasheet HTML 3Page - Cypress Semiconductor MB90387 Datasheet HTML 4Page - Cypress Semiconductor MB90387 Datasheet HTML 5Page - Cypress Semiconductor MB90387 Datasheet HTML 6Page - Cypress Semiconductor MB90387 Datasheet HTML 7Page - Cypress Semiconductor MB90387 Datasheet HTML 8Page - Cypress Semiconductor MB90387 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Document Number: 002-07765 Rev. *A
Page 4 of 81
MB90387/387S/F387/F387S
MB90V495G
1. Product Lineup
Part Number
MB90F387
MB90F387S
MB90387
MB90387S
MB90V495G
Parameter
Classification
Flash ROM
Mask ROM
Evaluation product
ROM capacity
64 Kbytes
RAM capacity
2 Kbytes
6 Kbytes
Process
CMOS
Package
LQFP-48 (pin pitch 0.50 mm)
PGA-256
Operating power supply voltage
3.5 V to 5.5 V
4.5 V to 5.5 V
Special power supply for
emulator*1
None
CPU functions
Number of basic instructions
Instruction bit length
Instruction length
Data bit length
: 351 instructions
: 8 bits and 16 bits
: 1 byte to 7 bytes
: 1 bit, 8 bits, 16 bits
Minimum instruction execution time: 62.5 ns (at 16 MHz machine clock)
Interrupt processing time: 1.5
s at minimum (at 16 MHz machine clock)
Low power consumption
(standby) mode
Sleep mode / Watch mode / Time-base timer mode / Stop mode / CPU intermittent
I/O port
General-purpose input/output ports (CMOS output): 34 ports (36 ports*2)
including 4 high-current output ports (P14 to P17)
Time-base timer
18-bit free-run counter
Interrupt cycle: 1.024 ms, 4.096 ms, 16.834 ms, 131.072 ms
(with oscillation clock frequency at 4 MHz)
Watchdog timer
Reset generation cycle: 3.58 ms, 14.33 ms, 57.23 ms, 458.75 ms
(with oscillation clock frequency at 4 MHz)
16-bit input/
output timer
16-bit free-run
timer
Number of channels: 1
Interrupt upon occurrence of overflow
Input capture
Number of channels: 4
Retaining free-run timer value set by pin input (rising edge, falling edge, and both edges)
16-bit reload timer
Number of channels: 2
16-bit reload timer operation
Count clock cycle: 0.25
s, 0.5 s, 2.0 s
(at 16-MHz machine clock frequency)
External event count is allowed.
Watch timer
15-bit free-run counter
Interrupt cycle: 31.25 ms, 62.5 ms, 12 ms, 250 ms, 500 ms, 1.0 s, 2.0 s
(with 8.192 kHz sub clock)
8/16-bit PPG timer
Number of channels: 2 (four 8-bit channels are available also.)
PPG operation is allowed with four 8-bit channels or two 16-bit channels.
Outputting pulse wave of arbitrary cycle or arbitrary duty is allowed.
Count clock: 62.5 ns to 1
s
(with 16 MHz machine clock)
Delay interrupt generator module
Interrupt generator module for task switching. Used for realtime OS.
DTP/External interrupt
Number of inputs: 4
Activated by rising edge, falling edge, “H” level or “L” level input.
External interrupt or expanded intelligent I/O service (EI2OS) is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com