Electronic Components Datasheet Search
  English  ▼

X  

MB90387 Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button MB90387 Datasheet HTML 16Page - Cypress Semiconductor MB90387 Datasheet HTML 17Page - Cypress Semiconductor MB90387 Datasheet HTML 18Page - Cypress Semiconductor MB90387 Datasheet HTML 19Page - Cypress Semiconductor MB90387 Datasheet HTML 20Page - Cypress Semiconductor MB90387 Datasheet HTML 21Page - Cypress Semiconductor MB90387 Datasheet HTML 22Page - Cypress Semiconductor MB90387 Datasheet HTML 23Page - Cypress Semiconductor MB90387 Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 82 page
background image
Document Number: 002-07765 Rev. *A
Page 19 of 81
MB90387/387S/F387/F387S
MB90V495G
003C38H,
003C39H
DLCR4
DLC register 4
R/W
CAN controller
XXXXXXXXB,
XXXXXXXXB
003C3AH,
003C3BH
DLCR5
DLC register 5
R/W
XXXXXXXXB,
XXXXXXXXB
003C3CH,
003C3DH
DLCR6
DLC register 6
R/W
XXXXXXXXB,
XXXXXXXXB
003C3EH,
003C3FH
DLCR7
DLC register 7
R/W
XXXXXXXXB,
XXXXXXXXB
003C40H
to
003C47H
DTR0
Data register 0
R/W
XXXXXXXXB
to
XXXXXXXXB
003C48H
to
003C4FH
DTR1
Data register 1
R/W
XXXXXXXXB
to
XXXXXXXXB
003C50H
to
003C57H
DTR2
Data register 2
R/W
XXXXXXXXB
to
XXXXXXXXB
003C58H
to
003C5FH
DTR3
Data register 3
R/W
XXXXXXXXB
to
XXXXXXXXB
003C60H
to
003C67H
DTR4
Data register 4
R/W
XXXXXXXXB
to
XXXXXXXXB
003C68H
to
003C6FH
DTR5
Data register 5
R/W
XXXXXXXXB
to
XXXXXXXXB
003C70H
to
003C77H
DTR6
Data register 6
R/W
XXXXXXXXB
to
XXXXXXXXB
003C78H
to
003C7FH
DTR7
Data register 7
R/W
XXXXXXXXB
to
XXXXXXXXB
003C80H
to
003CFFH
(Reserved area) *
003D00H,
003D01H
CSR
Control status register
R/W, R
CAN controller
0XXXX001B,
00XXX000B
003D02H
LEIR
Last event display register
R/W
000XX000B
003D03H
(Reserved area) *
003D04H,
003D05H
RTEC
Send/receive error counter
R
CAN controller
00000000B,
00000000B
003D06H,
003D07H
BTR
Bit timing register
R/W
11111111B,
X1111111B
003D08H
IDER
IDE register
R/W
XXXXXXXXB
003D09H
(Reserved area) *
003D0AH
TRTRR
Send RTR register
R/W
CAN controller
00000000B
003D0BH
(Reserved area) *
003D0CH
RFWTR
Remote frame receive wait register
R/W
CAN controller
XXXXXXXXB
Address
Register
Abbreviation
Register
Read/
Write
Resource
Initial Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com