Electronic Components Datasheet Search
  English  ▼

X  

MB90387 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button MB90387 Datasheet HTML 2Page - Cypress Semiconductor MB90387 Datasheet HTML 3Page - Cypress Semiconductor MB90387 Datasheet HTML 4Page - Cypress Semiconductor MB90387 Datasheet HTML 5Page - Cypress Semiconductor MB90387 Datasheet HTML 6Page - Cypress Semiconductor MB90387 Datasheet HTML 7Page - Cypress Semiconductor MB90387 Datasheet HTML 8Page - Cypress Semiconductor MB90387 Datasheet HTML 9Page - Cypress Semiconductor MB90387 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 82 page
background image
Document Number: 002-07765 Rev. *A
Page 5 of 81
MB90387/387S/F387/F387S
MB90V495G
*1: Settings of DIP switch S2 for using emulation pod MB2145-507. For details, see MB2145-507 Hardware Manual
(2.7 Power Pin solely for Emulator).
*2: MB90387S, MB90F387S
2. Packages And Product Models
: Yes
: No
Note: Refer to Package Dimension for details of the package.
3. Product Comparison
Memory Space
When testing with test product for evaluation, check the differences between the product and a product to be used actually. Pay
attention to the following points:
■ The MB90V495G has no built-in ROM. However, a special-purpose development tool allows the operations as those of one with
built-in ROM. ROM capacity depends on settings on a development tool.
■ On MB90V495G, an image from FF4000H to FFFFFFH is viewed on 00 bank and an image of FE0000H to FF3FFFH is viewed only
on FE bank and FF bank. (Modified on settings of a development tool.)
■ On MB90F387/F387S/387/387S, an image from FF4000H to FFFFFFH is viewed on 00 bank and an image of FE0000H to FF3FFFH
is viewed only on FF bank.
8/10-bit A/D converter
Number of channels: 8
Resolution: Selectable 10-bit or 8-bit.
Conversion time: 6.125
s (at 16 MHz machine clock, including sampling time)
Sequential conversion of two or more successive channels is allowed. (Setting a
maximum of 8 channels is allowed.)
Single conversion mode: Selected channel is converted only once.
Sequential conversion mode: Selected channel is converted repetitively.
Halt conversion mode: Conversion of selected channel is stopped and activated alter-
nately.
UART(SCI)
Number of channels: 1
Clock-synchronous transfer: 62.5 kbps to 2 Mbps
Clock-asynchronous transfer: 9,615 bps to 500 kbps
Communication is allowed by bi-directional serial communication function and master/
slave type connection.
CAN
Compliant with Ver 2.0A and Ver 2.0B CAN specifications.
8 built-in message buffers.
Transmission rate of 10 kbps to 1 Mbps (by 16 MHz machine clock)
CAN wake-up
Package
MB90F387, MB90F387S
MB90387, MB90387S
LQA048
Part Number
MB90F387
MB90F387S
MB90387
MB90387S
MB90V495G
Parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com