Electronic Components Datasheet Search
  English  ▼

X  

MB90387 Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button MB90387 Datasheet HTML 59Page - Cypress Semiconductor MB90387 Datasheet HTML 60Page - Cypress Semiconductor MB90387 Datasheet HTML 61Page - Cypress Semiconductor MB90387 Datasheet HTML 62Page - Cypress Semiconductor MB90387 Datasheet HTML 63Page - Cypress Semiconductor MB90387 Datasheet HTML 64Page - Cypress Semiconductor MB90387 Datasheet HTML 65Page - Cypress Semiconductor MB90387 Datasheet HTML 66Page - Cypress Semiconductor MB90387 Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
Document Number: 002-07765 Rev. *A
Page 62 of 81
MB90387/387S/F387/F387S
MB90V495G
Rating values of alternating current is defined by the measurement reference voltage values shown below:
13.4.2 Reset Input Timing
*1: Oscillation time of oscillator is time that the amplitude reached the 90%. In the crystal oscillator, the oscillation time is between
several ms to tens of ms. In ceramic oscillator, the oscillation time is between hundreds of
s to several ms. In the external clock,
the oscillation time is 0 ms.
*2: Except for MB90F387S and MB90387S.
*3: Refer to "(1) Clock timing" ratings for tCP (internal operation clock cycle time).
Parameter
Symbol Pin Name
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RST
16 tCP
*3
ns
Normal operation
Oscillation time of oscillator
*1 +
100
s + 16 tCP*3

In sub clock*2, sub
sleep*2, watch*2 and
stop mode
100
s
In timebase timer
0.8 VCC
0.2 VCC
2.4 V
0.8 V
Hysteresis input pin
 Output signal waveform
Output pin
 Input signal waveform
tRSTL
0.2 VCC
0.2 VCC
100 s
+ 16 tCP
RST
X0
 In sub clock, sub sleep, watch and stop mode
Internal operation
clock
Internal reset
Oscillation
time of
oscillator
Wait time for stabilizing
oscillation
Execute instruction
90% of
amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com