Electronic Components Datasheet Search
  English  ▼

X  

MB90387 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB90387
Description  16-bit Microcontrollers F2MC-16LX
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90387 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB90387 Datasheet HTML 24Page - Cypress Semiconductor MB90387 Datasheet HTML 25Page - Cypress Semiconductor MB90387 Datasheet HTML 26Page - Cypress Semiconductor MB90387 Datasheet HTML 27Page - Cypress Semiconductor MB90387 Datasheet HTML 28Page - Cypress Semiconductor MB90387 Datasheet HTML 29Page - Cypress Semiconductor MB90387 Datasheet HTML 30Page - Cypress Semiconductor MB90387 Datasheet HTML 31Page - Cypress Semiconductor MB90387 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
Document Number: 002-07765 Rev. *A
Page 27 of 81
MB90387/387S/F387/F387S
MB90V495G
Port 5 Pins Block Diagram
Port 5 Registers
■ Port 5 registers include port 5 data register (PDR5), port 5 direction register (DDR5), and analog input permission register (ADER).
■ Analog input permission register (ADER) allows or disallows input of analog signal to the analog input pin.
■ The bits configuring the register correspond to port 5 pins on a one-to-one basis.
Relation between Port 5 Registers and Pins
Port Name
Bits of Register and Corresponding Pins
Port 5
PDR5, DDR5
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
ADER
ADE7
ADE6
ADE5
ADE4
ADE3
ADE2
ADE1
ADE0
Corresponding pins
P57
P56
P55
P54
P53
P52
P51
P50
ADER
P-ch
N-ch
Standby control: Control among Stop mode (SPL=1), Time-base timer mode (SPL=1), and watch mode
(SPL=1).
Port data register (PDR)
PDR read
Output latch
PDR write
Pin
Port direction register (DDR)
Direction
latch
DDR write
DDR read
Standby control (SPL=1)
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com