Electronic Components Datasheet Search
  English  ▼

X  

MB90352ESPMC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB90352ESPMC
Description  F2MC-16LX16-bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ESPMC Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB90352ESPMC Datasheet HTML 1Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 2Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 3Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 4Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 5Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 6Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 7Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 8Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
MB90350E Series
Document Number: 002-04493 Rev. *A
Page 2 of 84
■ 8/16-bit PPG timer : 8-bit
10 channels or 16-bit 6 channels
■ 16-bit reload timer : 2 channels (only Evaluation products has
4 channels)
■ 16- bit input/output timer
- 16-bit free-run timer : 2 channels (FRT0 : ICU0/1, FRT1 :
ICU4/5/6/7, OCU4/5/6/7)
- 16- bit input capture: (ICU) : 6 channels
- 16-bit output compare : (OCU) : 4 channels
FULL-CAN interface: 1 channel
■ Compliant with CAN standard Version2.0 Part A and Part B
■ 16 message buffers are built-in
■ CAN wake-up function
LIN-UART: 2 channels
■ Equipped with full-duplex double buffer
■ Clock-asynchronous or clock-synchronous serial transmission
is available.
I2C interface: 1 channel
Up to 400 kbps transfer rate
DTP/External
interrupt:
8
channels,
CAN
wakeup: 1 channel
Module for activation of extended intelligent I/O service (EI2OS),
DMA, and generation of external interrupt by external input.
Delay interrupt generator module
Generates interrupt request for task switching.
8/10-bit A/D converter: 15 channels
■ Resolution is selectable between 8-bit and 10-bit.
■ Activation by external trigger input is allowed.
■ Conversion time : 3
s (at 24 MHz machine clock, including
sampling time)
Address matching detection (Program patch)
function
■ Address matching detection for 6 address pointers.
Capable of changing input voltage level for port
■ Automotive/CMOS-Schmitt (initial level is Automotive in single
chip mode)
■ TTL level (corresponds to external bus pins only, initial level of
these pins is TTL in external bus mode)
Low voltage/CPU operation detection reset
(devices with T-suffix)
■ Detects low voltage (4.0 V
0.3 V) and resets automatically
■ Resets automatically when program is runaway and counter is
not cleared within interval time
(approx. 262 ms : external 4 MHz)
Dual operation Flash memory (only devices 128
Kbytes Flash memory)
■ Erase/write and read can be executed in the different bank
(Upper Bank/Lower Bank) at the same time.
Supported TA   125C
The maximum operating frequency is 24 MHz* : (at TA
125C) .
Flash security function
■ Protects the content of Flash memory
(MB90F352x, MB90F357x only)
External bus interface
■ 4 Mbytes external memory space
MB90F351E(S), MB90F351TE(S), MB90F352E(S),
MB90F352TE(S) : External bus Interface can not be used in
internal vector mode. It can be used only in external vector
mode.
* : If used exceeding TA   105 C, be sure to contact Cypress
for reliability limitations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com