Electronic Components Datasheet Search
  English  ▼

X  

MB90352ESPMC Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # MB90352ESPMC
Description  F2MC-16LX16-bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ESPMC Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button MB90352ESPMC Datasheet HTML 12Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 13Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 14Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 15Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 16Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 17Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 18Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 19Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
MB90350E Series
Document Number: 002-04493 Rev. *A
Page 15 of 84
(Continued)
Pin No.
Pin name
I/O
Circuit
type*
Function
24 to 31
P00 to P07
G
General purpose I/O ports. The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD00 to AD07
Input/output pins of external address data bus lower 8 bits. This function is enabled when the
external bus is enabled.
INT8 to INT15
External interrupt request input pins for INT8 to INT15
32
P10
G
General purpose I/O port. The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD08
Input/output pin for external bus address data bus bit 8.
This function is enabled when external bus is enabled.
TIN1
Event input pin for reload timer1
33
P11
G
General purpose I/O port. The register can be set to select whether to use a
pull-up resistor. This function is enabled in single-chip mode.
AD09
Input/output pin for external bus address data bus bit 9. This function is
enabled when external bus is enabled.
TOT1
Output pin for reload timer1
34
P12
N
General purpose I/O port. The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD10
Input/output pin for external bus address data bus bit 10. This function is enabled when exter-
nal bus is enabled.
SIN3
Serial data input pin for UART3
INT11R
External interrupt request input pin for INT11
35
P13
G
General purpose I/O port. The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD11
Input/output pin for external bus address data bus bit 11.
This function is enabled when external bus is enabled.
SOT3
Serial data output pin for UART3
36
P14
G
General purpose I/O port. The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD12
Input/output pin for external bus address data bus bit 12.
This function is enabled when external bus is enabled.
SCK3
Clock input/output pin for UART3
37
P15
N
General purpose I/O port. The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD13
Input/output pin for external bus address data bus bit 13.
This function is enabled when external bus is enabled.
38
P16
G
General purpose I/O port. The register can be set to select whether to use a pull-up resistor.
This function is enabled in single-chip mode.
AD14
Input/output pin for external bus address data bus bit 14.
This function is enabled when external bus is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com