Electronic Components Datasheet Search
  English  ▼

X  

MB90352ESPMC Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # MB90352ESPMC
Description  F2MC-16LX16-bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ESPMC Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button MB90352ESPMC Datasheet HTML 76Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 77Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 78Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 79Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 80Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 81Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 82Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 83Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 84Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 85 page
background image
MB90350E Series
Document Number: 002-04493 Rev. *A
Page 79 of 84
* : Corresponding value comes from the technology reliability evaluation result.
(Using Arrhenius equation to translate high temperature measurements test result into normalized value at
85C)
14. Ordering Information
(Continued)
Flash memory Data
Retention Time
Average
TA  85C
20

year
*
Part number
Package
Remarks
MB90F351EPMC
64-pin plastic LQFP
FPT-64P-M23
12.0 mm
, 0.65 mm pitch
Flash memory products
(64 Kbytes)
MB90F351ESPMC
MB90F351TEPMC
MB90F351TESPMC
MB90F356EPMC
MB90F356ESPMC
MB90F356TEPMC
MB90F356TESPMC
MB90F352EPMC
64-pin plastic LQFP
FPT-64P-M23
12.0 mm
, 0.65 mm pitch
Dual operation
Flash memory products
(128 Kbytes)
MB90F352ESPMC
MB90F352TEPMC
MB90F352TESPMC
MB90F357EPMC
MB90F357ESPMC
MB90F357TEPMC
MB90F357TESPMC
MB90351EPMC
64-pin plastic LQFP
FPT-64P-M23
12.0 mm
, 0.65 mm pitch
MASK ROM products
(64 Kbytes)
MB90351ESPMC
MB90351TEPMC
MB90351TESPMC
MB90356EPMC
MB90356ESPMC
MB90356TEPMC
MB90356TESPMC
MB90352EPMC
64-pin plastic LQFP
FPT-64P-M23
12.0 mm
, 0.65 mm pitch
MASK ROM products
(128 Kbytes)
MB90352ESPMC
MB90352TEPMC
MB90352TESPMC
MB90357EPMC
MB90357ESPMC
MB90357TEPMC
MB90357TESPMC
Parameter
Conditions
Value
Unit
Remarks
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com