Electronic Components Datasheet Search
  English  ▼

X  

MB90352ESPMC Datasheet(PDF) 57 Page - Cypress Semiconductor

Part # MB90352ESPMC
Description  F2MC-16LX16-bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ESPMC Datasheet(HTML) 57 Page - Cypress Semiconductor

Back Button MB90352ESPMC Datasheet HTML 53Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 54Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 55Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 56Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 57Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 58Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 59Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 60Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 61Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 85 page
background image
MB90350E Series
Document Number: 002-04493 Rev. *A
Page 56 of 84
(Continued)
(TA  40C to 125C, VCC  5.0 V  10, fCP  24 MHz, VSS  AVSS  0 V)
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
ICCT
VCC
VCC = 5.0 V,
Internal frequency: 8 kHz,
During stopping clock
supervisor,
At watch mode
TA = 25C
10
35
A
MB90351E
MB90F351E
MB90352E
MB90F352E
MB90356E
MB90F356E
MB90357E
MB90F357E
VCC = 5.0 V,
Internal frequency: 8 kHz,
During operating clock supervi-
sor,
At watch mode
TA = 25C
25
150
A
MB90356E
MB90F356E
MB90357E
MB90F357E
VCC = 5.0 V,
Internal CR oscillation/
4 division,
At watch mode
TA = 25C
25
150
A
MB90356ES
MB90F356ES
MB90357ES
MB90F357ES
VCC = 5.0 V,
Internal frequency: 8 kHz,
During stopping clock
supervisor,
At watch mode
TA = 25C
60
140
A
MB90351TE
MB90F351TE
MB90352TE
MB90F352TE
MB90356TE
MB90F356TE
MB90357TE
MB90F357TE
VCC = 5.0 V,
Internal frequency: 8 kHz,
During operating clock
supervisor,
At watch mode
TA = 25C
80
250
A
MB90356TE
MB90F356TE
MB90357TE
MB90F357TE
VCC = 5.0 V,
Internal CR oscillation/
4 division,
At watch mode
TA = 25C
80
250
A
MB90356TES
MB90F356TES
MB90357TES
MB90F357TES
ICCH
VCC  5.0 V,
At stop mode,
TA  25C
725
A
Devices without
“T”-suffix
60
130
A
Devices with
“T”-suffix
Input capacity
CIN
Other than
C, AVCC, AVSS,
AVRH, VCC, VSS

515
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com