Electronic Components Datasheet Search
  English  ▼

X  

MB90352ESPMC Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB90352ESPMC
Description  F2MC-16LX16-bit Microcontrollers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90352ESPMC Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB90352ESPMC Datasheet HTML 35Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 36Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 37Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 38Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 39Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 40Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 41Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 42Page - Cypress Semiconductor MB90352ESPMC Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
MB90350E Series
Document Number: 002-04493 Rev. *A
Page 38 of 84
(Continued)
Address
Register
Abbrevia-
tion
Access
Resource name
Initial value
007924H
to
007927H
Reserved
007928H
Input Capture Register 4
IPCP4
R
Input Capture 4/5
XXXXXXXXB
007929H
Input Capture Register 4
IPCP4
R
XXXXXXXXB
00792AH
Input Capture Register 5
IPCP5
R
XXXXXXXXB
00792BH
Input Capture Register 5
IPCP5
R
XXXXXXXXB
00792CH
Input Capture Register 6
IPCP6
R
Input Capture 6/7
XXXXXXXXB
00792DH
Input Capture Register 6
IPCP6
R
XXXXXXXXB
00792EH
Input Capture Register 7
IPCP7
R
XXXXXXXXB
00792FH
Input Capture Register 7
IPCP7
R
XXXXXXXXB
007930H
to
007937H
Reserved
007938H
Output Compare Register 4
OCCP4
R/W
Output Compare 4/5
XXXXXXXXB
007939H
Output Compare Register 4
OCCP4
R/W
XXXXXXXXB
00793AH
Output Compare Register 5
OCCP5
R/W
XXXXXXXXB
00793BH
Output Compare Register 5
OCCP5
R/W
XXXXXXXXB
00793CH
Output Compare Register 6
OCCP6
R/W
Output Compare 6/7
XXXXXXXXB
00793DH
Output Compare Register 6
OCCP6
R/W
XXXXXXXXB
00793EH
Output Compare Register 7
OCCP7
R/W
XXXXXXXXB
00793FH
Output Compare Register 7
OCCP7
R/W
XXXXXXXXB
007940H
Timer Data Register 0
TCDT0
R/W
Free-run Timer 0
00000000B
007941H
Timer Data Register 0
TCDT0
R/W
00000000B
007942H
Timer Control Status Register 0
TCCSL0
R/W
00000000B
007943H
Timer Control Status Register 0
TCCSH0
R/W
0XXXXXXXB
007944H
Timer Data Register 1
TCDT1
R/W
Free-run Timer 1
00000000B
007945H
Timer Data Register 1
TCDT1
R/W
00000000B
007946H
Timer Control Status Register 1
TCCSL1
R/W
00000000B
007947H
Timer Control Status Register 1
TCCSH1
R/W
0XXXXXXXB
007948H
Timer Register 0/Reload Register 0
TMR0/TMRL
R0
R/W
16-bit Reload
Timer 0
XXXXXXXXB
007949H
R/W
XXXXXXXXB
00794AH
Timer Register 1/Reload Register 1
TMR1/TMRL
R1
R/W
16-bit Reload
Timer 1
XXXXXXXXB
00794BH
R/W
XXXXXXXXB
00794CH
Timer Register 2/Reload Register 2
TMR2/TMRL
R2
R/W
16-bit Reload
Timer 2
XXXXXXXXB
00794DH
R/W
XXXXXXXXB
00794EH
Timer Register 3/Reload Register 3
TMR3/TMRL
R3
R/W
16-bit Reload
Timer 3
XXXXXXXXB
00794FH
R/W
XXXXXXXXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com