Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # S29CD032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CD032J Datasheet(HTML) 3 Page - Cypress Semiconductor

  S29CD032J Datasheet HTML 1Page - Cypress Semiconductor S29CD032J Datasheet HTML 2Page - Cypress Semiconductor S29CD032J Datasheet HTML 3Page - Cypress Semiconductor S29CD032J Datasheet HTML 4Page - Cypress Semiconductor S29CD032J Datasheet HTML 5Page - Cypress Semiconductor S29CD032J Datasheet HTML 6Page - Cypress Semiconductor S29CD032J Datasheet HTML 7Page - Cypress Semiconductor S29CD032J Datasheet HTML 8Page - Cypress Semiconductor S29CD032J Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 3 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
Contents
1.
Ordering Information ................................................... 4
1.1 Valid Combinations ........................................................ 5
2.
Input/Output Descriptions
and Logic Symbols ...................................................... 6
3.
Block Diagram.............................................................. 7
4.
Block Diagram of Simultaneous
Read/Write Circuit........................................................ 8
5.
Physical Dimensions/Connection Diagrams............. 9
5.1 80-Pin PQFP Connection Diagram ................................ 9
5.2 PQR080–80-Lead Plastic Quad Flat
Package Physical Dimensions..................................... 10
5.3 80-Ball Fortified BGA Connection Diagram ................. 11
5.4 Special Package Handling Instructions........................ 11
5.5 LAA080–80-ball Fortified Ball Grid Array
(13 x 11 mm) Physical Dimensions.............................. 12
5.6 LAD080–80-ball Fortified Ball Grid Array
(11 x 9 mm) Physical Dimensions................................ 13
6.
Product Overview ...................................................... 14
6.1 Memory Map ................................................................ 14
7.
Device Operations ..................................................... 19
7.1 Device Operation Table ............................................... 19
7.2 Asynchronous Read..................................................... 20
7.3 Hardware Reset (RESET#).......................................... 21
7.4 Synchronous (Burst) Read Mode
and Configuration Register .......................................... 21
7.5 Autoselect .................................................................... 26
7.6 VersatileI/O (VIO) Control............................................. 27
7.7 Program/Erase Operations .......................................... 27
7.8 Write Operation Status................................................. 32
7.9 Reset Command .......................................................... 36
8.
Advanced Sector Protection/Unprotection ............. 37
8.1 Advanced Sector Protection Overview ........................ 38
8.2 Persistent Protection Bits............................................. 39
8.3 Persistent Protection Bit Lock Bit................................. 41
8.4 Dynamic Protection Bits............................................... 41
8.5 Password Protection Method ....................................... 42
8.6 Hardware Data Protection Methods............................. 43
9.
Secured Silicon Sector Flash Memory Region ....... 44
9.1 Secured Silicon Sector Protection Bit .......................... 45
9.2 Secured Silicon Sector Entry
and Exit Commands...................................................... 45
10. Electronic Marking...................................................... 46
11. Power Conservation Modes....................................... 46
11.1 Standby Mode............................................................... 46
11.2 Automatic Sleep Mode.................................................. 46
11.3 Hardware RESET# Input Operation.............................. 46
11.4 Output Disable (OE#).................................................... 46
12. Electrical Specifications............................................. 47
12.1 Absolute Maximum Ratings .......................................... 47
13. Operating Ranges....................................................... 48
14. DC Characteristics...................................................... 49
14.1 Zero Power Flash.......................................................... 50
15. Test Conditions ........................................................... 51
16. Test Specifications ..................................................... 51
16.1 Switching Waveforms ................................................... 51
17. AC Characteristics...................................................... 52
17.1 VCC and VIO Power-up.................................................. 52
17.2 Asynchronous Operations............................................. 52
17.3 Synchronous Operations .............................................. 54
17.4 Hardware Reset (RESET#)........................................... 56
17.5 Write Protect (WP#)...................................................... 57
17.6 Erase/Program Operations ........................................... 57
17.7 Alternate CE# Controlled
Erase/Program Operations ........................................... 62
17.8 Erase and Programming Performance ......................... 63
17.9 PQFP and Fortified BGA Pin Capacitance ................... 63
18. Appendix 1 .................................................................. 64
18.1 Common Flash Memory Interface (CFI) ....................... 64
19. Appendix 2 .................................................................. 67
19.1 Command Definitions.................................................... 67
20. Revision History.......................................................... 69
Sales, Solutions, and Legal Information .......................... 74
Worldwide Sales and Design Support ........................... 74
Products ........................................................................ 74
PSoC® Solutions .......................................................... 74
Cypress Developer Community ..................................... 74
Technical Support ......................................................... 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com