Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S29CD032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CD032J Datasheet(HTML) 2 Page - Cypress Semiconductor

  S29CD032J Datasheet HTML 1Page - Cypress Semiconductor S29CD032J Datasheet HTML 2Page - Cypress Semiconductor S29CD032J Datasheet HTML 3Page - Cypress Semiconductor S29CD032J Datasheet HTML 4Page - Cypress Semiconductor S29CD032J Datasheet HTML 5Page - Cypress Semiconductor S29CD032J Datasheet HTML 6Page - Cypress Semiconductor S29CD032J Datasheet HTML 7Page - Cypress Semiconductor S29CD032J Datasheet HTML 8Page - Cypress Semiconductor S29CD032J Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 2 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
Performance Characteristics
Notice for the 32Mb S29CD-J and S29CL-J devices only:
Refer to the application note “Recommended Mode of Operation for Cypress® 110 nm S29CD032J/S29CL032J Flash Memory”
publication number S29CD-CL032J_Recommend_AN for programming best practices.
Read Access Times
Speed Option (MHz)
75 (32 Mb only)
66
56
40
Max Asynch. Access Time, ns (tACC)54
54
54
54
Max Synch. Burst Access, ns (tBACC)8
8
8
8
Min Initial Clock Delay (clock cycles)
5
5
5
4
Max CE# Access Time, ns (tCE)54
54
54
54
Max OE# Access time, ns (tOE)20
20
20
20
Current Consumption (Max values)
Continuous Burst Read @ 75 MHz
90 mA
Program
50 mA
Erase
50 mA
Standby Mode
60 µA
Typical Program and Erase Times
Double Word Programming
18 µs
Sector Erase
1.0 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com