Electronic Components Datasheet Search
  English  ▼

X  

S29CD032J Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # S29CD032J
Description  32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29CD032J Datasheet(HTML) 4 Page - Cypress Semiconductor

  S29CD032J Datasheet HTML 1Page - Cypress Semiconductor S29CD032J Datasheet HTML 2Page - Cypress Semiconductor S29CD032J Datasheet HTML 3Page - Cypress Semiconductor S29CD032J Datasheet HTML 4Page - Cypress Semiconductor S29CD032J Datasheet HTML 5Page - Cypress Semiconductor S29CD032J Datasheet HTML 6Page - Cypress Semiconductor S29CD032J Datasheet HTML 7Page - Cypress Semiconductor S29CD032J Datasheet HTML 8Page - Cypress Semiconductor S29CD032J Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
Document Number: 002-00948 Rev. *C
Page 4 of 74
S29CD032J
S29CD016J
S29CL032J
S29CL016J
1.
Ordering Information
The order number (Valid Combination) is formed by the following:
S29CD032J
S29CL032J
0J
F
A
I
0
0
0
Packing Type
0 = Tray, FBGA: 180 per tray, min. 10 trays per box
Tray, PQFP: 66 per tray, min. 10 trays per box
2 = 7” Tape and Reel, FBGA: 400 per reel
3 = 13” Tape and Reel, FBGA: 1600 per reel
13” Tape and Reel, PQFP: 500 per reel
Boot Sector Option (16th Character)
0 = Top Boot with Simultaneous Operation
1 = Bottom Boot with Simultaneous Operation
2 = Top Boot without Simultaneous Operation
3 = Bottom Boot without Simultaneous Operation
Autoselect ID Option (15th Character)
0 = 7E, 08, 01/00 Autoselect ID
1 = 7E, 36, 01/00 Autoselect ID
S29CD016J only
0 = 7E, 46, 01/00 Autoselect ID
S29CL016J only
0 = 7E, 09, 01/00 Autoselect ID
S29CD032J only
0 = 7E, 49, 01/00 Autoselect ID
S29CL032J only
Temperature Range
I = Industrial (–40 °C to +85 °C)
M = Extended (–40 °C to +125 °C)
Material Set
A = Standard
F = Pb-free Option
Package Type
Q = Plastic Quad Flat Package (PQFP)
F = Fortified Ball Grid Array, 1.0 mm pitch package, 13
 11 mm package
B = Fortified Ball Grid Array, 1.0 mm pitch package, 11
 9 mm package
Clock Frequency (11th Character)
J = 40 MHz
M = 56 MHz
P = 66 MHz
R = 75 MHz
Initial Burst Access Delay (10th Character)
0 = 5-1-1-1, 6-1-1-1, and above
1 = 4-1-1-1 (40 MHz only)
Device Number/Description
S29CD032J/S29CD016J (2.5 volt-only), S29CL032J/S29CL016J (3.3 Volt-only)
32 or 16 Mbit (1M or 512k
 32-Bit) CMOS Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Manufactured on 110 nm floating gate technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com