Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075
Description  Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP1075 Datasheet(HTML) 5 Page - Texas Instruments

  TMP1075 Datasheet HTML 1Page - Texas Instruments TMP1075 Datasheet HTML 2Page - Texas Instruments TMP1075 Datasheet HTML 3Page - Texas Instruments TMP1075 Datasheet HTML 4Page - Texas Instruments TMP1075 Datasheet HTML 5Page - Texas Instruments TMP1075 Datasheet HTML 6Page - Texas Instruments TMP1075 Datasheet HTML 7Page - Texas Instruments TMP1075 Datasheet HTML 8Page - Texas Instruments TMP1075 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
TMP1075
www.ti.com
SBOS854 – MARCH 2018
Product Folder Links: TMP1075
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.5 Electrical Characteristics
at TA = −55°C to +125°C and V+ = 1.7 V to 3.6 V (unless noted); typical specification are at TA = 25°C and V+=3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE INPUT
Range
–55
125
°C
Accuracy (temperature error)
−25°C to +85°C
±0.5
±2
°C
−55°C to +125°C
±1
±3
Accuracy (temperature error) vs
supply
PSRR
0
±0.02
°C/V
Resolution
1 LSB (12 bit)
0.0625
°C
DIGITAL
INPUT/OUTPUT
Input capacitance
5
pF
VIH
High-level input logic
0.7(V+)
V
VIL
Low-level input logic
-0.3
0.3(V+)
V
IIN
Leakage input current
-0.1
0.1
µA
Input voltage hysteresis
SCL and SDA pins
600
mV
VOL
Low-level output logic
IOL = -3 mA, SDA and ALERT pins
0
0.15
0.4
V
ADC Conversion time
12 bits one-shot mode
4.5
5
5.75
ms
Conversion Rate
CR1 = 0, CR0 = 0 (default)
27.5
ms
CR1 = 0, CR0 = 1
55
CR1 = 1, CR0 = 0
110
CR1 = 1, CR0 = 1
220
Sampling Period Precision
-10
5
10
%
Timeout time
20
25
35
ms
POWER
SUPPLY
Operating range
1.7
3.3
3.6
V
IQ
Quiescent current
CR1 = 0, CR0 = 0 (default)
10
16
µA
CR1 = 0, CR0 = 1
5.5
µA
CR1 = 1, CR0 = 0
4
CR1 = 1, CR0 = 1
2.7
During active conversion ,serial bus inactive
52
98
µA
ISD
Shutdown current
Serial bus active, SCL frequency = 400 kHz
13
µA
Serial bus inactive
0.37
1.5
µA
POR, Power-on reset threshold
Rising
1.22
V
Falling
1.1
Reset time
0.3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com