Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075
Description  Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP1075 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 2Page - Texas Instruments TMP1075 Datasheet HTML 3Page - Texas Instruments TMP1075 Datasheet HTML 4Page - Texas Instruments TMP1075 Datasheet HTML 5Page - Texas Instruments TMP1075 Datasheet HTML 6Page - Texas Instruments TMP1075 Datasheet HTML 7Page - Texas Instruments TMP1075 Datasheet HTML 8Page - Texas Instruments TMP1075 Datasheet HTML 9Page - Texas Instruments TMP1075 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
TMP1075
SBOS854 – MARCH 2018
www.ti.com
Product Folder Links: TMP1075
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.6 Timing Requirements
see the Timing Diagrams and Two-Wire Timing Diagrams sections for additional information
FAST MODE
HIGH-SPEED
MODE
UNIT
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency
V+
0.001
0.4
0.001
2.38
MHz
t(BUF)
Bus-free time between STOP and START
conditions
See the Timing
Diagrams section
1300
160
ns
t(HDSTA)
Hold time after repeated START condition.
After this period, the first clock is generated.
600
160
ns
t(SUSTA)
Repeated START condition setup time
600
160
ns
t(SUSTO) STOP condition setup time
600
160
ns
t(HDDAT) Data hold time
4
900
4
120
ns
t(SUDAT) Data setup time
100
10
ns
t(LOW)
SCL clock low period
V+, see the Timing
Diagrams section
1300
280
ns
t(HIGH)
SCL clock high period
See the Timing
Diagrams section
600
60
ns
tFD
Data fall time
See the Timing
Diagrams section
300
150
ns
tRC
Clock rise time
See the Two-Wire
Timing Diagrams section
300
40
ns
SCLK
≤ 100 kHz, see
the Timing Diagrams
section
1000
tFC
Clock fall time
See the Two-Wire
Timing Diagrams section
300
40
ns
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
tLPF
Spike filter for I3C compatibility
SCL= 12.5 MHz
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com