Electronic Components Datasheet Search
  English  ▼

X  

TMP1075 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP1075
Description  Temperature Sensor With I2C and SMBus Interface in Industry Standard LM75 Form Factor and Pinout
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP1075 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP1075 Datasheet HTML 5Page - Texas Instruments TMP1075 Datasheet HTML 6Page - Texas Instruments TMP1075 Datasheet HTML 7Page - Texas Instruments TMP1075 Datasheet HTML 8Page - Texas Instruments TMP1075 Datasheet HTML 9Page - Texas Instruments TMP1075 Datasheet HTML 10Page - Texas Instruments TMP1075 Datasheet HTML 11Page - Texas Instruments TMP1075 Datasheet HTML 12Page - Texas Instruments TMP1075 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
TMP1075
www.ti.com
SBOS854 – MARCH 2018
Product Folder Links: TMP1075
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
The TMP1075 features three address pins to allow up to 32 devices to be addressed on a single bus interface.
describes the pin logic levels used to properly connect up to 32 devices. The state of pins A0, A1, and A2 is
sampled on every bus communication and must be set prior to any activity on the interface.
Table 2. Address Pins and Slave Addresses for the TMP1075
A2
A1
A0
ADDRESS, HEX
0
0
SDA
80
0
0
SCL
82
0
1
SDA
84
0
1
SCL
86
1
0
SDA
88
1
0
SCL
8A
1
1
SDA
8C
1
1
SCL
8E
0
0
0
90
0
0
1
92
0
1
0
94
0
1
1
96
1
0
0
98
1
0
1
9A
1
1
0
9C
1
1
1
9E
0
SDA
SDA
A0
0
SDA
SCL
A2
0
SCL
SDA
A4
0
SCL
SCL
A6
1
SDA
SDA
A8
1
SDA
SCL
AA
1
SCL
SDA
AC
1
SCL
SCL
AE
0
SDA
0
B0
0
SDA
1
B2
0
SCL
0
B4
0
SCL
1
B6
1
SDA
0
B8
1
SDA
1
BA
1
SCL
0
BC
1
SCL
1
BE
7.3.2.3 Writing and Reading to the TMP1075
Accessing a particular register on the TMP1075 device is accomplished by writing the appropriate value to the
Pointer register. The value for the Pointer register is the first byte transferred after the slave address byte with
the R/W bit low. Every write operation to the TMP1075 requires a value for the Pointer register (see Figure 2).
When reading from the TMP1075 device, the last value stored in the Pointer register by a write operation is used
to determine which register is read by a read operation. To change the register pointer for a read operation, a
new value must be written to the Pointer register. This action is accomplished by issuing a slave address byte
with the R/W bit low, followed by the Pointer register byte. No additional data are required. The master can then
generate a START condition and send the slave address byte with the R/W bit high to initiate the read command.
See Figure 4 for details of this sequence. If repeated reads from the same register are desired, the Pointer
register bytes do not have to be continually sent because the TMP1075 remember the Pointer register value until
the value is changed by the next write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com