Electronic Components Datasheet Search
  English  ▼

X  

CY2XP21 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2XP21
Description  125 MHz LVPECL Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP21 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2XP21 Datasheet HTML 1Page - Cypress Semiconductor CY2XP21 Datasheet HTML 2Page - Cypress Semiconductor CY2XP21 Datasheet HTML 3Page - Cypress Semiconductor CY2XP21 Datasheet HTML 4Page - Cypress Semiconductor CY2XP21 Datasheet HTML 5Page - Cypress Semiconductor CY2XP21 Datasheet HTML 6Page - Cypress Semiconductor CY2XP21 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRELIMINARY
CY2XP21
Document #: 001-52849 Rev. *B
Page 3 of 7
Parameter Measurements
Figure 2. 3.3V Output Load AC Test Circuit
VOCM
LVPECL Output Common Mode
Voltage (VOH + VOL)/2
VDD = 2.5V, RTERM = 50Ω to VDD –
1.5V
1.2
–
–
V
CINX
[3]
Pin Capacitance, XIN & XOUT
–
4.5
–
pF
DC Electrical Characteristics
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
AC Electrical Characteristics[3]
Parameter
Description
Conditions
Min
Typ
Max
Unit
FOUT
Output Frequency
112
–
140
MHz
TR, TF
Output Rise or Fall Time
20% to 80% of full output swing
–
0.5
1.0
ns
TJitter(φ)
RMS Phase Jitter (Random)
125 MHz, (1.875–20 MHz)
–
0.4
–
ps
TDC
Output Duty Cycle
Measured at zero crossing point
48
–
52
%
TLOCK
Startup Time
Time for CLK to reach valid
frequency measured from the time
VDD = VDD(min.)
––
5
ms
Recommended Crystal Specifications[4]
Parameter
Description
Min
Max
Unit
Mode
Mode of Oscillation
Fundamental
F
Frequency
22.4
28
MHz
ESR
Equivalent Series Resistance
–
50
Ω
C0
Shunt Capacitance
–
7
pF
Notes
3. Not 100% tested, guaranteed by design and characterization.
4. Characterized using an 18 pF parallel resonant crystal.
SCOPE
V
DD
V
SS
LVPECL
50
Ω
50
Ω
Z = 50
Ω
Z = 50
Ω
CLK#
CLK
2V
-1.3V +/- 0.165V
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com