Electronic Components Datasheet Search
  English  ▼

X  

CY2XP21 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2XP21
Description  125 MHz LVPECL Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP21 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2XP21 Datasheet HTML 1Page - Cypress Semiconductor CY2XP21 Datasheet HTML 2Page - Cypress Semiconductor CY2XP21 Datasheet HTML 3Page - Cypress Semiconductor CY2XP21 Datasheet HTML 4Page - Cypress Semiconductor CY2XP21 Datasheet HTML 5Page - Cypress Semiconductor CY2XP21 Datasheet HTML 6Page - Cypress Semiconductor CY2XP21 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRELIMINARY
CY2XP21
125 MHz LVPECL Clock Generator
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 001-52849 Rev. *B
Revised September 22, 2009
Features
■ One LVPECL Output Pair
■ Output Frequency: 112 MHz to 140 MHz
■ External Crystal Frequency: 22.4 MHz to 28 MHz
■ Low RMS Phase Jitter at 125 MHz, using 25 MHz Crystal
(1.875 MHz to 20 MHz): 0.4 ps (Typical)
■ Pb-free 8-Pin TSSOP Package
■ Supply Voltage: 3.3V or 2.5V
■ Commercial and Industrial Temperature Ranges
Functional Description
The CY2XP21 is a PLL (Phase Locked Loop) based high
performance clock generator. It is optimized to generate a
125 MHz clock, which is ideal for 10 Gb Ethernet applications. It
also produces an output frequency that is five times the crystal
frequency. It uses Cypress’s low noise VCO technology to
achieve less than 1 ps typical RMS phase jitter. The CY2XP21
has a crystal oscillator interface input and one LVPECL output
pair.
OUTPU T
DIVIDER
CR YSTAL
OSCILLATOR
CLK#
LOW -N OISE
PLL
CLK
XOU T
XIN
External
Crystal
Logic Block Diagram
Pinouts
Figure 1. Pin Diagram - 8-Pin TSSOP
1
2
36
7
8
XOUT
XIN
NC
VSS
VDD
CLK#
45
VDD
CLK
Table 1. Pin Definition - 8-Pin TSSOP
Pin Number
Pin Name
I/O Type
Description
1, 8
VDD
Power
3.3V or 2.5V power supply
2
VSS
Power
Ground
3, 4
XOUT, XIN
XTAL output and input
Parallel resonant crystal interface
5
NC
No Connect
6,7
CLK#, CLK
LVPECL output
Differential clock output
[+] Feedback


Similar Part No. - CY2XP21

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP21ZXC CYPRESS-CY2XP21ZXC Datasheet
237Kb / 7P
125 MHz LVPECL Clock Generator
CY2XP21ZXCT CYPRESS-CY2XP21ZXCT Datasheet
237Kb / 7P
125 MHz LVPECL Clock Generator
CY2XP21ZXI CYPRESS-CY2XP21ZXI Datasheet
237Kb / 7P
125 MHz LVPECL Clock Generator
CY2XP21ZXIT CYPRESS-CY2XP21ZXIT Datasheet
237Kb / 7P
125 MHz LVPECL Clock Generator
More results

Similar Description - CY2XP21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS843023 ICST-ICS843023 Datasheet
176Kb / 10P
3.3V, 250MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
logo
Cypress Semiconductor
CY26126 CYPRESS-CY26126 Datasheet
108Kb / 4P
Dual Output 125-MHz Clock Generator
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
logo
Cypress Semiconductor
CY2XP21ZXC CYPRESS-CY2XP21ZXC Datasheet
237Kb / 7P
125 MHz LVPECL Clock Generator
CY2XP31ZXC CYPRESS-CY2XP31ZXC Datasheet
348Kb / 8P
312.5 MHz LVPECL Clock Generator
CY2XP31 CYPRESS-CY2XP31_11 Datasheet
286Kb / 10P
312.5 MHz LVPECL Clock Generator
logo
ON Semiconductor
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
Integrated Device Techn...
873991 IDT-873991 Datasheet
270Kb / 18P
LVPECL-TO-LVPECL/ECL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP311 CYPRESS-CY2XP311 Datasheet
125Kb / 14P
312.5 MHz LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com