Electronic Components Datasheet Search
  English  ▼

X  

CY2XP21 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2XP21
Description  125 MHz LVPECL Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP21 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2XP21 Datasheet HTML 1Page - Cypress Semiconductor CY2XP21 Datasheet HTML 2Page - Cypress Semiconductor CY2XP21 Datasheet HTML 3Page - Cypress Semiconductor CY2XP21 Datasheet HTML 4Page - Cypress Semiconductor CY2XP21 Datasheet HTML 5Page - Cypress Semiconductor CY2XP21 Datasheet HTML 6Page - Cypress Semiconductor CY2XP21 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRELIMINARY
CY2XP21
Document #: 001-52849 Rev. *B
Page 2 of 7
Frequency Table
Inputs
Output Frequency (MHz)
Crystal Frequency (MHz)
PLL Multiplier Value
25
5
125
26.6
5
133
Absolute Maximum Conditions
Parameter
Description
Conditions
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.4
V
VIN
[1]
Input Voltage, DC
Relative to VSS
–0.5
VDD + 0.5
V
TS
Temperature, Storage
Non operating
–65
150
°C
TJ
Temperature, Junction
–
135
°C
ESDHBM
ESD Protection, Human Body Model
JEDEC STD 22-A114-B
2000
–
V
UL–94
Flammability Rating
At 1/8 in.
V–0
Θ
JA
[2]
Thermal Resistance, Junction to Ambient
0 m/s airflow
100
°C/W
1 m/s airflow
91
2.5 m/s airflow
87
Notes
1. The voltage on any input or IO pin cannot exceed the power pin during power up.
2. Simulated using Apache Sentinel TI software. The board is derived from the JEDEC multilayer standard. It measures 76 x 114 x 1.6 mm and has 4-layers of
copper (2/1/1/2 oz.). The internal layers are 100% copper planes, while the top and bottom layers have 50% metalization. No vias are included in the model.
Operating Conditions
Parameter
Description
Min
Max
Unit
VDD
3.3V Supply Voltage
3.135
3.465
V
2.5V Supply Voltage
2.375
2.625
V
TA
Ambient Temperature, Commercial
0
70
°C
Ambient Temperature, Industrial
–40
85
°C
TPU
Power up time for all VDD to reach minimum specified voltage (ensure power ramps
is monotonic)
0.05
500
ms
DC Electrical Characteristics
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
IDD
Operating Supply Current with
output unterminated
VDD = 3.465V, Output unterminated
–
–
125
mA
VDD = 2.625V, Output unterminated
–
–
120
mA
IDDT
Operating Supply Current with
output terminated
VDD = 3.465V, Output terminated
–
–
150
mA
VDD = 2.625V, Output terminated
–
–
145
mA
VOH
LVPECL Output High Voltage
VDD = 3.3V or 2.5V, RTERM = 50Ω to
VDD – 2.0V
VDD –1.15
–
VDD –0.75
V
VOL
LVPECL Output Low Voltage
VDD = 3.3V or 2.5V, RTERM = 50Ω to
VDD – 2.0V
VDD –2.0
–
VDD –1.625
V
VOD1
LVPECL Peak-to-Peak Output
Voltage Swing
VDD = 3.3V or 2.5V, RTERM = 50Ω to
VDD – 2.0V
600
–
1000
mV
VOD2
LVPECL Output Voltage Swing
(VOH - VOL)
VDD = 2.5V, RTERM = 50Ω to VDD –
1.5V
500
–
1000
mV
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com