Electronic Components Datasheet Search
  English  ▼

X  

CY2XP21 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2XP21
Description  125 MHz LVPECL Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP21 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2XP21 Datasheet HTML 1Page - Cypress Semiconductor CY2XP21 Datasheet HTML 2Page - Cypress Semiconductor CY2XP21 Datasheet HTML 3Page - Cypress Semiconductor CY2XP21 Datasheet HTML 4Page - Cypress Semiconductor CY2XP21 Datasheet HTML 5Page - Cypress Semiconductor CY2XP21 Datasheet HTML 6Page - Cypress Semiconductor CY2XP21 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRELIMINARY
CY2XP21
Document #: 001-52849 Rev. *B
Page 4 of 7
Figure 3. 2.5V Output Load AC Test Circuit
Figure 4. Output DC Parameters
Figure 5. Output Rise and Fall Time
Figure 6. RMS Phase Jitter
Figure 7. Output Duty Cycle
SCOPE
V
DD
V
SS
LVPECL
50
Ω
50
Ω
Z = 50
Ω
Z = 50
Ω
CLK#
CLK
2V
-0.5V +/- 0.125V
CLK
V
A
V
B
CLK#
V
OD
V
OCM = (VA + VB)/2
20%
80%
T
R
CLK
20%
80%
CLK#
T
F
Phase noise
Phase noise mask
Offset Frequency
f1
f2
RMS Jitter =
Area Under the Masked Phase Noise Plot
Noise
Power
CLK
T
PW
T
PERIOD
T
DC =
T
PW
T
PERIOD
CLK#
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com