Electronic Components Datasheet Search
  English  ▼

X  

CY2XP21 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2XP21
Description  125 MHz LVPECL Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP21 Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2XP21 Datasheet HTML 1Page - Cypress Semiconductor CY2XP21 Datasheet HTML 2Page - Cypress Semiconductor CY2XP21 Datasheet HTML 3Page - Cypress Semiconductor CY2XP21 Datasheet HTML 4Page - Cypress Semiconductor CY2XP21 Datasheet HTML 5Page - Cypress Semiconductor CY2XP21 Datasheet HTML 6Page - Cypress Semiconductor CY2XP21 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PRELIMINARY
CY2XP21
Document #: 001-52849 Rev. *B
Page 6 of 7
Package Drawing and Dimensions
Figure 11. 8-Pin Thin Shrunk Small Outline Package (4.40 MM Body) Z8
Ordering Information
Part Number
Package Type
Product Flow
CY2XP21ZXC
8-pin TSSOP
Commercial, 0
°C to 70°C
CY2XP21ZXCT
8-pin TSSOP - Tape and Reel
Commercial, 0
°C to 70°C
CY2XP21ZXI
8-pin TSSOP
Industrial, -40
°C to 85°C
CY2XP21ZXIT
8-pin TSSOP - Tape and Reel
Industrial, -40
°C to 85°C
8
PIN1ID
SEATING
PLANE
1
BSC.
BSC
0°-8°
PLANE
GAUGE
2.90[0.114]
1.10[0.043] MAX.
0.65[0.025]
0.20[0.008]
0.05[0.002]
6.50[0.256]
0.076[0.003]
6.25[0.246]
4.50[0.177]
4.30[0.169]
3.10[0.122]
0.15[0.006]
0.19[0.007]
0.30[0.012]
0.09[[0.003]
0.25[0.010]
0.70[0.027]
0.50[0.020]
0.95[0.037]
0.85[0.033]
DIMENSIONS IN MM[INCHES] MIN.
MAX.
51-85093-*A
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com