Electronic Components Datasheet Search
  English  ▼

X  

DS64 Datasheet(PDF) 23 Page - Lumileds Lighting Company

Part # DS64
Description  General purpose white
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS64 Datasheet(HTML) 23 Page - Lumileds Lighting Company

Back Button DS64 Datasheet HTML 18Page - Lumileds Lighting Company DS64 Datasheet HTML 19Page - Lumileds Lighting Company DS64 Datasheet HTML 20Page - Lumileds Lighting Company DS64 Datasheet HTML 21Page - Lumileds Lighting Company DS64 Datasheet HTML 22Page - Lumileds Lighting Company DS64 Datasheet HTML 23Page - Lumileds Lighting Company DS64 Datasheet HTML 24Page - Lumileds Lighting Company DS64 Datasheet HTML 25Page - Lumileds Lighting Company DS64 Datasheet HTML 26Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
DS64 LUXEON Rebel General Purpose Product Datasheet 20160427 ©2016 Lumileds Holding B.V. All rights reserved.
23
Cool-White LUXEON Rebel emitters are tested and binned by x,y coordinates. 19 Color Bins, CCT Range 4,500K to 10,000K.
Table 9.
Cool-White Bin Coordinates
Typical CCT
Typical CCT
Bin Code
X
Y
(K)
Bin Code
X
Y
(K)
0.274238
0.300667
0.318606
0.310201
Y0
0.303051
0.332708
8000
WQ
0.329393
0.320211
6000
0.307553
0.310778
0.329544
0.310495
0.282968
0.283772
0.319597
0.301303
0.282968
0.283772
0.328636
0.368952
YA
0.307553
0.310778
8000
VM
0.348147
0.385629
5300
0.311163
0.293192
0.346904
0.371742
0.289922
0.270316
0.328823
0.356917
0.301093
0.342244
0.328823
0.356917
XM
0.313617
0.354992
6700
VN
0.346904
0.371742
5300
0.314792
0.344438
0.345781
0.359190
0.303051
0.332708
0.329006
0.345092
0.303051
0.332708
0.329006
0.345092
XN
0.314792
0.344438
6700
V0
0.345781
0.359190
5300
0.316042
0.333222
0.344443
0.344232
0.305170
0.322386
0.329220
0.331331
0.305170
0.322386
0.329220
0.331331
X0
0.316042
0.333222
6700
VP
0.344443
0.344232
5300
0.317466
0.320438
0.343352
0.332034
0.307553
0.310778
0.329393
0.320211
0.307553
0.310778
0.348147
0.385629
XP
0.317466
0.320438
6700
UM
0.367294
0.400290
4750
0.319597
0.301303
0.364212
0.382878
0.311163
0.293192
0.346904
0.371742
0.313617
0.354992
0.346904
0.371742
WM
0.328636
0.368952
6000
UN
0.364212
0.382878
4750
0.328823
0.356917
0.362219
0.371616
0.314792
0.344438
0.345781
0.359190
0.314792
0.344438
0.345781
0.359190
WN
0.328823
0.356917
6000
U0
0.362219
0.371616
4750
0.329006
0.345092
0.359401
0.355699
0.316042
0.333222
0.344443
0.344232
0.316042
0.333222
0.344443
0.344232
W0
0.329006
0.345092
6000
UP
0.359401
0.355699
4750
0.329220
0.331331
0.357079
0.342581
0.317466
0.320438
0.343352
0.332034
0.317466
0.320438
WP
0.329220
0.331331
6000
0.329393
0.320211
0.318606
0.310201
Note for Table 9:
- Lumileds maintains a tester tolerence of ± 0.005 on x, y color coordinates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com