Electronic Components Datasheet Search
  English  ▼

X  

DS64 Datasheet(PDF) 21 Page - Lumileds Lighting Company

Part # DS64
Description  General purpose white
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS64 Datasheet(HTML) 21 Page - Lumileds Lighting Company

Back Button DS64 Datasheet HTML 17Page - Lumileds Lighting Company DS64 Datasheet HTML 18Page - Lumileds Lighting Company DS64 Datasheet HTML 19Page - Lumileds Lighting Company DS64 Datasheet HTML 20Page - Lumileds Lighting Company DS64 Datasheet HTML 21Page - Lumileds Lighting Company DS64 Datasheet HTML 22Page - Lumileds Lighting Company DS64 Datasheet HTML 23Page - Lumileds Lighting Company DS64 Datasheet HTML 24Page - Lumileds Lighting Company DS64 Datasheet HTML 25Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
DS64 LUXEON Rebel General Purpose Product Datasheet 20160427 ©2016 Lumileds Holding B.V. All rights reserved.
21
Luminous Flux Bins
Table 8 lists the standard photometric luminous flux bins for LUXEON Rebel emitters (tested and binned at 350 mA).
Although several bins are outlined, product availability in a particular bin varies by production run and by product performance.
Not all bins are available in all colors.
Table 8.
Flux Bins
Minimum Photometric Flux
Maximum Photometric Flux
Bin Code
(lm)
(lm)
H
50
60
J
60
70
K
70
80
L
80
90
M
90
100
N
100
110
X
110
120
P
120
130
Y
130
140
Q
140
150
R
150
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com