Electronic Components Datasheet Search
  English  ▼

X  

DS64 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # DS64
Description  General purpose white
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS64 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  DS64 Datasheet HTML 1Page - Lumileds Lighting Company DS64 Datasheet HTML 2Page - Lumileds Lighting Company DS64 Datasheet HTML 3Page - Lumileds Lighting Company DS64 Datasheet HTML 4Page - Lumileds Lighting Company DS64 Datasheet HTML 5Page - Lumileds Lighting Company DS64 Datasheet HTML 6Page - Lumileds Lighting Company DS64 Datasheet HTML 7Page - Lumileds Lighting Company DS64 Datasheet HTML 8Page - Lumileds Lighting Company DS64 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
DS64 LUXEON Rebel General Purpose Product Datasheet 20160427 ©2016 Lumileds Holding B.V. All rights reserved.
4
Luminous Flux Characteristics for LUXEON Rebel,
Thermal Pad Temperature=25°C
Table 1.
Performance at Test Current
Typical Performance
at Indicated Current
Color
Part Number
Minimum Luminous
Test
Typical Luminous
Drive
Flux (lm)
Current
Flux (lm)
Current
F
V
[1]
(mA)
F
V
[2]
(mA)
LXML-PWC1-0090
90
350
160
700
LXML-PWC1-0100
100
350
180
700
LXML-PWC1-0110
110
350
200
700
LXML-PWC1-0120
120
350
220
700
LXML-PWN1-0090
90
350
160
700
LXML-PWN1-0100
100
350
180
700
LXML-PWN1-0110
110
350
200
700
LXML-PWN1-0120
120
350
220
700
Notes for Table 1:
1. Minimum luminous flux performance guaranteed within published operating conditions. Lumileds maintains a tolerance of ± 6.5%
on flux measurements.
2. Typical luminous flux performance when device is operated within published operating conditions.
Flux Performance, Binning, and Supportability
LEDs are produced with semiconductor technology that is subject to process variation, yielding a range of flux performance that is approximately
Gaussian in nature. In order to provide customers with fine granularity within the overall flux distribution, Lumileds separates LEDs into fixed, easy
to design with, minimum luminous flux bins. To verify supportability of parts chosen for your application design, please consult your
Lumileds representative.
Luminous Flux Characteristics
Cool White
Neutral-White
Luminous Flux Bins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com