Electronic Components Datasheet Search
  English  ▼

X  

DS64 Datasheet(PDF) 8 Page - Lumileds Lighting Company

Part # DS64
Description  General purpose white
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS64 Datasheet(HTML) 8 Page - Lumileds Lighting Company

Back Button DS64 Datasheet HTML 4Page - Lumileds Lighting Company DS64 Datasheet HTML 5Page - Lumileds Lighting Company DS64 Datasheet HTML 6Page - Lumileds Lighting Company DS64 Datasheet HTML 7Page - Lumileds Lighting Company DS64 Datasheet HTML 8Page - Lumileds Lighting Company DS64 Datasheet HTML 9Page - Lumileds Lighting Company DS64 Datasheet HTML 10Page - Lumileds Lighting Company DS64 Datasheet HTML 11Page - Lumileds Lighting Company DS64 Datasheet HTML 12Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
DS64 LUXEON Rebel General Purpose Product Datasheet 20160427 ©2016 Lumileds Holding B.V. All rights reserved.
8
Table 7.
Profile Feature
Lead Free Assembly
Ramp-Up Rate (T
L to Tp)
3°C / second max
Preheat Temperature Min (Ts
min)
150°C
Preheat Temperature Max (Ts
max)
200°C
Preheat Time (ts
min to tsmax)
60 - 180 seconds
Temperature (T
L)
217°C
Time Maintained Above Temperature T
L (tL)
60 - 150 seconds
Peak / Classification Temperature (T
P)
260°C
Time Within 5°C of Actual Peak Temperature (t
P)
20 - 40 seconds
Ramp-Down Rate (T
p to TL)
6°C / second max
Time 25°C to Peak Temperature
8 minutes max
Notes for Table 7:
- All temperatures refer to the application Printed Circuit Board (PCB), measured on the surface adjacent to the package body.
Reflow Soldering Characteristics
JEDEC 020c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com