Electronic Components Datasheet Search
  English  ▼

X  

DS64 Datasheet(PDF) 5 Page - Lumileds Lighting Company

Part # DS64
Description  General purpose white
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

DS64 Datasheet(HTML) 5 Page - Lumileds Lighting Company

  DS64 Datasheet HTML 1Page - Lumileds Lighting Company DS64 Datasheet HTML 2Page - Lumileds Lighting Company DS64 Datasheet HTML 3Page - Lumileds Lighting Company DS64 Datasheet HTML 4Page - Lumileds Lighting Company DS64 Datasheet HTML 5Page - Lumileds Lighting Company DS64 Datasheet HTML 6Page - Lumileds Lighting Company DS64 Datasheet HTML 7Page - Lumileds Lighting Company DS64 Datasheet HTML 8Page - Lumileds Lighting Company DS64 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DS64 LUXEON Rebel General Purpose Product Datasheet 20160427 ©2016 Lumileds Holding B.V. All rights reserved.
5
Lambertian LUXEON Rebel at Test Current [1]
Thermal Pad Temperature = 25°C
Table 2.
Typical
Total
Typical
Included
Viewing
Color Temperature [2,3,4]
Angle [6]
Angle [7]
CCT
(degrees)
(degrees)
Color [7,8]
Min.
Typ.
Max.
u
0.90V
[5]
2u 1/2
Cool-White
4500K
6500K
10,000K
160
120
Neutral-White
3500K
4100K
4500K
160
120
Notes for Table 2:
1. Test current is 350 mA for all LXML-PWx1-0xxx products.
2. CCT ±5% tester tolerance.
3. Typical CRI (Color Rendering Index) for cool-white and neutral-white is 70.
4. Minimum CRI (Color Rendering Index) for cool-white and neutral-white is 65.
5. Total angle at which 90% of total luminous flux is captured.
6. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
7. All white products are built with Indium Gallium Nitride (InGaN).
8. Cool-white and neutral-white power light sources represented here are IEC825 class 2 for eye safety.
Optical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com