Electronic Components Datasheet Search
  English  ▼

X  

LTC4212 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4212
Description  Hot Swap Controller with Power-Up Timeout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4212 Datasheet HTML 3Page - Linear Technology LTC4212 Datasheet HTML 4Page - Linear Technology LTC4212 Datasheet HTML 5Page - Linear Technology LTC4212 Datasheet HTML 6Page - Linear Technology LTC4212 Datasheet HTML 7Page - Linear Technology LTC4212 Datasheet HTML 8Page - Linear Technology LTC4212 Datasheet HTML 9Page - Linear Technology LTC4212 Datasheet HTML 10Page - Linear Technology LTC4212 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC4212
4212f
TYPICAL PERFOR A CE CHARACTERISTICS Specifications are T
A = 25°C. VCC = 5V, unless
otherwise noted.
FAULT Pin Low to GATE
Discharging Time vs Temperature
Circuit Breaker RESET Time vs
Supply Voltage
Turn-Off Time vs Supply Voltage
Circuit Breaker RESET Time vs
Temperature
Turn-Off Time vs Temperature
FAULT Pin Low to GATE
Discharging Time vs Supply
Voltage
SUPPLY VOLTAGE (V)
1.5
2.5
3.5
4.5
2.0
3.0
4.0
4
8
12
16
4212 G58
18
2
0
6
10
14
TEMPERATURE (
°C)
1.5
2.0
3.0
3.5
4.0
–25
25
50
4212 G59
2.5
–50
0
75
100
125
4.5
SUPPLY VOLTAGE (V)
80
120
160
200
100
140
180
4
8
12
16
4212 G60
18
2
0
6
10
14
TEMPERATURE (
°C)
80
100
140
160
180
–25
25
50
4212 G61
120
–50
0
75
100
125
200
SUPPLY VOLTAGE (V)
5
7
9
11
6
8
10
4
8
12
16
4212 G62
18
2
0
6
10
14
TEMPERATURE (
°C)
8.0
9.0
11.0
12.0
12.5
–25
25
50
4212 G63
10.0
8.5
10.5
11.5
9.5
–50
0
75
100
125
13.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com