Electronic Components Datasheet Search
  English  ▼

X  

LTC4212 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4212
Description  Hot Swap Controller with Power-Up Timeout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212 Datasheet(HTML) 5 Page - Linear Technology

  LTC4212 Datasheet HTML 1Page - Linear Technology LTC4212 Datasheet HTML 2Page - Linear Technology LTC4212 Datasheet HTML 3Page - Linear Technology LTC4212 Datasheet HTML 4Page - Linear Technology LTC4212 Datasheet HTML 5Page - Linear Technology LTC4212 Datasheet HTML 6Page - Linear Technology LTC4212 Datasheet HTML 7Page - Linear Technology LTC4212 Datasheet HTML 8Page - Linear Technology LTC4212 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC4212
4212f
Fast GATE Pull-Down Current vs
Supply Voltage
Fast GATE Pull-Down Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
SUPPLY VOLTAGE (V)
20
40
60
80
30
50
70
4
8
12
16
4212 G14
18
2
0
6
10
14
TEMPERATURE (
°C)
20
30
50
60
70
–25
25
50
4212 G15
40
–50
0
75
100
125
80
Specifications are TA = 25°C. VCC = 5V, unless
otherwise noted.
VCB (SLOW COMP) vs Supply
Voltage
SUPPLY VOLTAGE (V)
0
52
56
60
16
4212 G26
48
44
50
54
58
46
42
40
4
2
8
6
12
14
10
18
VCB (FAST COMP) vs Supply
Voltage
SLOW COMP Trips to GATE
Discharging Delay vs Supply
Voltage
SUPPLY VOLTAGE (V)
0
170
165
160
155
150
145
140
135
130
16
4212 G28
4
8
12
18
14
26
10
SUPPLY VOLTAGE (V)
0
26
24
22
20
18
16
14
12
10
16
4212 G30
4
8
12
18
14
26
10
FAST COMP Trips to GATE
Discharging Delay vs Supply
Voltage
FAST COMP Trips to GATE
Discharging Delay vs Temperature
SLOW COMP Trips to GATE
Discharging Delay vs Temperature
TEMPERATURE (
°C)
18
20
22
125
4212 G31
16
14
10
–25
25
75
–50
0
50
100
12
26
24
VCC = 16.5V
VCC = 3V
VCC = 5V
VCC = 15V
VCC = 12V
SUPPLY VOLTAGE (V)
0
600
500
400
300
200
100
0
16
4212 G32
4
8
12
18
14
26
10
VCB = 0mV TO 200mV STEP
TEMPERATURE (
°C)
400
500
125
4212 G33
300
200
0
–25
25
75
–50
0
50
100
100
700
600
VCB = 0mV TO 200mV STEP
VCC = 16.5V
VCC = 3V
VCC = 12V
VCC = 5V
VCC = 15V
Power Good Timeout vs Supply
Voltage
SUPPLY VOLTAGE (V)
15
19
21
18
20
17
16
4
8
12
16
4212 G40
18
2
0
6
10
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com