Electronic Components Datasheet Search
  English  ▼

X  

LTC4212 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4212
Description  Hot Swap Controller with Power-Up Timeout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212 Datasheet(HTML) 1 Page - Linear Technology

  LTC4212 Datasheet HTML 1Page - Linear Technology LTC4212 Datasheet HTML 2Page - Linear Technology LTC4212 Datasheet HTML 3Page - Linear Technology LTC4212 Datasheet HTML 4Page - Linear Technology LTC4212 Datasheet HTML 5Page - Linear Technology LTC4212 Datasheet HTML 6Page - Linear Technology LTC4212 Datasheet HTML 7Page - Linear Technology LTC4212 Datasheet HTML 8Page - Linear Technology LTC4212 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC4212
4212f
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
s
Allows Safe Board Insertion and Removal
from a Live Backplane
s
Controls Supply Voltages from 2.5V to 16.5V
s
Adjustable Soft-Start with Inrush Current
Limiting
s
Fast Turn-Off Time
s
No External Gate Capacitor is Required
s
Power Good Input with Adjustable Timer and
Glitch Filter
s
Power-Up Timeout Circuit Interfaces with External
Supply Monitors
s
Dual Level Overcurrent Fault Protection
s
Automatic Retry or Latched Mode Operation
s
High Side Drive for an External N-Channel FET
s
MS10 Package
The LTC
®4212 is a Hot SwapTM controller that allows a
board to be safely inserted and removed from a live
backplane. An internal high side switch driver controls the
gate of an external N-channel MOSFET for supply voltages
ranging from 2.5V to 16.5V. The LTC4212 provides soft-
start and inrush current limiting during the start-up
period. It features a power-up timeout circuit that discon-
nects the system supply when the onboard supplies do not
enter into regulation within an adjustable timeout period.
The controller interfaces with external supply monitor ICs
or directly with the PGOOD pin of a DC/DC converter. After
normal power-up, a programmable power good glitch
filter can be enabled to filter out short term dips in the
supplies.
Two current limit comparators provide dual level
overcurrent circuit breaker protection. The slow com-
parator trips at VCC – 50mV and activates in 18µs. The fast
comparator trips at VCC – 150mV and typically responds
in 500ns.
The LTC4212 can be configured for both latchoff and
autoretry applications and is available in a 10-pin MSOP
package.
s
Electronic Circuit Breaker
s
Hot Board Insertion and Removal
s
Self-Isolating Hot Swap Boards
Hot Swap Controller with
Power-Up Timeout
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.
+
VCC
SENSE
LTC4212
10
µF
+
10
µF
5V
2.5V
1.5A
3.3V
1.5A
4212 TA01a
GATE
PGT
PGF
TIMER
0.01
µF
PGI
ON
VCC
5V
GND
Z1 = SMAJ10A (TVS)
20k
10k
10
Ω
0.007
Ω
EDGE
CONNECTOR
(MALE)
Si4410DY
Z1
10k
10k
2.1k
10k
FAULT
GND
FAULT
+
10
µF
LT1963-2.5
4.7nF
270pF
100nF
BACKPLANE
CONNECTOR
(FEMALE)
+
10
µF
+
10
µF
LT1963-3.3
LTC1727-2.5
GND
VCCA
VCC3
COMP2.5
VCC25
COMP3
COMP A
Power-Up Waveforms
ON
5V/DIV
TIMER
1V/DIV
PGT
1V/DIV
PGI
5V/DIV
Hot Swap Controller with Power Good Function
5ms/DIV


Similar Part No. - LTC4212

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4212 LINER-LTC4212_15 Datasheet
240Kb / 24P
Hot Swap Controller with Power-Up Timeout
More results

Similar Description - LTC4212

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
Hot Swap Controller
logo
Summit Microelectronics...
SMH4803 SUMMIT-SMH4803 Datasheet
178Kb / 22P
Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
Hot Swap Controller
logo
Summit Microelectronics...
SMH4812 SUMMIT-SMH4812_09 Datasheet
428Kb / 18P
Distributed Power Hot-Swap Controller
logo
Linear Technology
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
Hot Swap Controller
LTC4212 LINER-LTC4212_15 Datasheet
240Kb / 24P
Hot Swap Controller with Power-Up Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com