Electronic Components Datasheet Search
  English  ▼

X  

LTC4212 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4212
Description  Hot Swap Controller with Power-Up Timeout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4212 Datasheet HTML 14Page - Linear Technology LTC4212 Datasheet HTML 15Page - Linear Technology LTC4212 Datasheet HTML 16Page - Linear Technology LTC4212 Datasheet HTML 17Page - Linear Technology LTC4212 Datasheet HTML 18Page - Linear Technology LTC4212 Datasheet HTML 19Page - Linear Technology LTC4212 Datasheet HTML 20Page - Linear Technology LTC4212 Datasheet HTML 21Page - Linear Technology LTC4212 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC4212
4212f
OPERATIO
Figure 4. Power-Up with Overcurrent, Slow Comparator Trips the Circuit Breaker
VCC
VCC
ON
VREF
2.34V
VREF
TIMER
GATE
DC/DC
CONVERTER
OUTPUT
VCC – VSENSE
FAULT
PGT
PGI
PGF
4212 F04
12
3
4
5
6
7
8
9
10 11
13
12
1415
16
POWER GOOD TIMER
ENABLED (CPGT)
0.95V
0.65V
2ND TIMING
CYCLE (CTIMER)
1ST TIMING
CYCLE (CTIMER)
1ST TIMING
CYCLE (CTIMER)
SOFT-START
ACTIVE
VREF
VCC – VSENSE = 50mV
> 50mV, >18
µs
It consists of the time the FAULT pin takes to discharge
CAUTO (Time Points 9 to 10), the 120µs needed to reset the
circuit breaker (Time Points 9 to 11), the time it takes the
pull-up resistor at the ON pin to charge CAUTO above
1.316V (Time Points 11 to 12) and the elapsed time before
the external N-channel starts to conduct during the second
timing cycle (Time Points 12 to 16).
Sense Resistor Considerations
The fault current level at which the LTC4212’s internal
electronic circuit breaker trips is determined by a sense
resistor connected between the LTC4212’s VCC and SENSE
pins and two separate trip points. The first trip point is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com