Electronic Components Datasheet Search
  English  ▼

X  

LTC4212 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4212
Description  Hot Swap Controller with Power-Up Timeout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4212 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4212 Datasheet HTML 16Page - Linear Technology LTC4212 Datasheet HTML 17Page - Linear Technology LTC4212 Datasheet HTML 18Page - Linear Technology LTC4212 Datasheet HTML 19Page - Linear Technology LTC4212 Datasheet HTML 20Page - Linear Technology LTC4212 Datasheet HTML 21Page - Linear Technology LTC4212 Datasheet HTML 22Page - Linear Technology LTC4212 Datasheet HTML 23Page - Linear Technology LTC4212 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
23
LTC4212
4212f
Table 6. N-Channel Selection Guide
CURRENT LEVEL (A)
PART NUMBER
DESCRIPTION
MANUFACTURER
0 to 2
MMDF3N02HD
Dual N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.1Ω, CISS = 455pF
2 to 5
MMSF5N02HD
Single N-Channel SO-8
ON Semiconductor
RDS(ON) = 0.025Ω, CISS = 1130pF
5 to 10
MTB50N06V
Single N-Channel DD Pak
ON Semiconductor
RDS(ON) = 0.028Ω, CISS = 1570pF
10 to 20
MTB75N05HD
Single N-Channel DD Pak
ON Semiconductor
RDS(ON) = 0.0095Ω, CISS = 2600pF
Table 7. Manufacturers’ Web Sites
MANUFACTURER
WEB SITE
TEMIC Semiconductor
www.temic.com
International Rectifier
www.irf.com
ON Semiconductor
www.onsemi.com
Harris Semiconductor
www.semi.harris.com
IRC-TT
www.irctt.com
Vishay-Dale
www.vishay.com
Vishay-Siliconix
www.vishay.com
Diodes, Inc.
www.diodes.com
APPE DIX
PACKAGE DESCRIPTIO
MS Package
10-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1661)
MSOP (MS) 0603
0.53
± 0.152
(.021
± .006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.17 – 0.27
(.007 – .011)
TYP
0.127
± 0.076
(.005
± .003)
0.86
(.034)
REF
0.50
(.0197)
BSC
12 3 45
4.90
± 0.152
(.193
± .006)
0.497
± 0.076
(.0196
± .003)
REF
8
9
10
7 6
3.00
± 0.102
(.118
± .004)
(NOTE 3)
3.00
± 0.102
(.118
± .004)
(NOTE 4)
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.254
(.010)
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
± 0.127
(.035
± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.305
± 0.038
(.0120
± .0015)
TYP
0.50
(.0197)
BSC
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com