Electronic Components Datasheet Search
  English  ▼

X  

CS1680 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS1680
Description  Dimmable LED Driver IC for Low-voltage Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1680 Datasheet(HTML) 5 Page - Cirrus Logic

  CS1680 Datasheet HTML 1Page - Cirrus Logic CS1680 Datasheet HTML 2Page - Cirrus Logic CS1680 Datasheet HTML 3Page - Cirrus Logic CS1680 Datasheet HTML 4Page - Cirrus Logic CS1680 Datasheet HTML 5Page - Cirrus Logic CS1680 Datasheet HTML 6Page - Cirrus Logic CS1680 Datasheet HTML 7Page - Cirrus Logic CS1680 Datasheet HTML 8Page - Cirrus Logic CS1680 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS1680
DS1055F1
5
Boost Gate Driver
Output Source Resistance
ZBST(Source)
-
19.9
-
Output Sink Resistance
ZBST(Sink)
-
10.5
-
Rise Time
CL =0.25nF
-11
-
ns
Fall Time
CL =0.25nF
-6
-
ns
Boost Current Sense
Peak Control Threshold
VBSTPK(th)
-0.33
-
V
Leading-edge Blanking
tBSTLEB
-
100
-
ns
Delay to Output
--
100
ns
Boost Protection
Overcurrent Protection (BOCP)
VBSTOCP(th)
-1.05
-
V
Overvoltage Protection (BOP)
(Note 1)
KBOP
-
93.75
-
Clamp Turn-on
Clamp Turn-off
KCLAMP(on)
KCLAMP(off)
-
-
87.8
85.1
-
-
Buck Zero-Current Detect
BUCKZCD Threshold
VBUCKZCD(th)
-
200
-
mV
BUCKZCD Blanking
tBUCKZCD
-
250
-
ns
ZCD Sink Current
(Note 8)
IBUCKZCD
-2
-
-
mA
BUCKAUX Upper Voltage
IBUCKZCD =1mA
-VDD+0.6
-
V
Buck Current Sense
Peak Control Threshold
VBUCKPK(th)
-0.525
-
V
Leading-edge Blanking
tBUCKLEB
-
250
-
ns
Delay to Output
--
100
ns
Buck Pulse Width Modulator
Minimum On Time
T1BUCK(min)
-0.55
-
s
Maximum On Time
CS1680-00
CS1680-02
T1BUCK(max)
-
-
12.8
25.6
-
-
s
s
Minimum Switching Frequency
-
625
-
Hz
Maximum Switching Frequency
-
200
-
kHz
Buck Gate Driver
Output Source Resistance
ZBUCK(Source)
-
12.7
-
Output Sink Resistance
ZBUCK(Sink)
-8.2
-
Rise Time
CL =0.25nF
-7.0
-
ns
Fall Time
CL =0.25nF
-4.5
-
ns
Buck Protection
Overcurrent Protection (OCP)
VBUCKOCP(th)
-1.05
-
V
External Overtemperature Protection (eOTP), Boost Stage Constant, Peak Current
Maximum Pull-up Current Source
ICONNECT
-80
-
A
Conductance Accuracy
(Note 9)
--
±5
Conductance Offset
(Note 9)
-
±250
-
nS
Current Source Voltage Threshold
VCONNECT(th)
-1.25
-
V
Parameter
Condition
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com