Electronic Components Datasheet Search
  English  ▼

X  

CS1680 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS1680
Description  Dimmable LED Driver IC for Low-voltage Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1680 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS1680 Datasheet HTML 8Page - Cirrus Logic CS1680 Datasheet HTML 9Page - Cirrus Logic CS1680 Datasheet HTML 10Page - Cirrus Logic CS1680 Datasheet HTML 11Page - Cirrus Logic CS1680 Datasheet HTML 12Page - Cirrus Logic CS1680 Datasheet HTML 13Page - Cirrus Logic CS1680 Datasheet HTML 14Page - Cirrus Logic CS1680 Datasheet HTML 15Page - Cirrus Logic CS1680 Datasheet HTML 16Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
CS1680
DS1055F1
15
Notes:
1.
Controlling dimensions are in millimeters.
2.
Dimensions and tolerances per ASME Y14.5M.
3.
This drawing conforms to JEDEC outline MS-012, variation AC for standard 16L TSSOP narrow body.
4.
Recommended reflow profile is per JEDEC/IPC J-STD-020.
7. ORDERING INFORMATION
8. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
a. MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
b. Stored at 30°C, 60% relative humidity.
R2
0.09
--
--
0.004
--
--
S
0.2
--
--
0.008
-
--
aaa
0.2
0.008
bbb
0.1
0.004
ccc
0.1
0.004
ddd
0.05
0.002
mm
inch
Dimension
MIN
NOM
MAX
MIN
NOM
MAX
Ordering Number
AC Line Voltage
Temperature
Package Description
Configuration
Version
CS1680-FZZ
Bulk
12VAC/VDC
-40 °C to +125 °C
16-lead TSSOP,
Lead (Pb) Free
3.09.1
CS1680-FZZR
Tape & Reel
3.09.1
CS168002-FZZ
Bulk
12VAC/VDC
-40 °C to +125 °C
16-lead TSSOP,
Lead (Pb) Free
3.07.2
CS168002-FZZR
Tape & Reel
3.07.2
Part Number
Peak Reflow Temp
MSL Ratinga
Max Floor Lifeb
CS1680-FZZ
260 °C
3
7 Days
CS168002-FZZ
260 °C
3
7 Days



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com