Electronic Components Datasheet Search
  English  ▼

X  

CS1680 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS1680
Description  Dimmable LED Driver IC for Low-voltage Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1680 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS1680 Datasheet HTML 6Page - Cirrus Logic CS1680 Datasheet HTML 7Page - Cirrus Logic CS1680 Datasheet HTML 8Page - Cirrus Logic CS1680 Datasheet HTML 9Page - Cirrus Logic CS1680 Datasheet HTML 10Page - Cirrus Logic CS1680 Datasheet HTML 11Page - Cirrus Logic CS1680 Datasheet HTML 12Page - Cirrus Logic CS1680 Datasheet HTML 13Page - Cirrus Logic CS1680 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CS1680
10
DS1055F1
boost output voltage continues to fall and reaches the
lowest threshold set by constant KDEC(on), the LED
output current is decreased at an accelerated rate.
If the LED output current IOUT is at a maximum and
boost output voltage VBST is still above the regulation
high threshold, the controller begins scaling down the
boost inductor current instead of increasing the LED
output current. If this happens, when the boost output
voltage falls below the regulation low threshold, the
boost input current is gradually increased back to
nominal before the LED output current begins to reduce
off from the maximum.
5.3.2 Boost Stage Control
The boost stage uses continuous conduction mode
operation
for
high
compatibility
with electronic
transformers. For current regulation, the controller
varies the peak current IBSTPK as necessary for dimmer
and transformer compatibility. When the dimmer is
paired with an electronic transformer, period T2BST is
modulated to maintain a constant ripple current on the
boost inductor. When the dimmer is paired with a
magnetic transformer, the demagnetization period has
a constant T2BST(fixed) time.
Maximum Peak Current
The maximum boost inductor peak current IBSTPK(max)
is set using the current sense resistor RBST(Sense) on
pin BSTSENSE, which is sampled by a comparator
referenced to an internal DAC. Boost peak current
IBSTPK(max) is calculated using Equation 1:
Boost overcurrent protection (BOCP) is provided using
a higher threshold to detect the event of inductor
saturation. If the voltage on the BSTSENSE pin
exceeds a threshold voltage VBSTOCP(th) of 1.05V, the
controller enters a BOCP fault. The IC output is
disabled, the gate drive output pins BSTGD and
BUCKGD turn off, and the controller attempts to restart
after one second. The boost overcurrent protection
current IBSTPK(OCP) is calculated using Equation 2:
Output BSTOUT Sense and Input VAC Sense
A current proportional to boost output voltage VBST is
supplied to the IC on pin BSTOUT and is used as a
control signal (see Figure 11). The ADC is used to
measure the magnitude of current IBSTOUT through
resistor RBST. The magnitude of current IBSTOUT is then
compared to an internal full scale reference current Iref
of 64
A.
Resistor RBST sets the system full-scale voltage and
determines boost output voltage VBST regulation, boost
overvoltage protection, and clamp behavior. Full-scale
voltage VBST(full) is calculated using Equation 3:
The CS1680-00 is designed for a resistor RBST equal to
604k
, creating a full-scale voltage of 40V. The
CS1680-02 is designed for a resistor RBST equal to
560k
, creating a full-scale voltage of 37V.
A current proportional to the AC/DC input voltage is
supplied to the IC on pin VAC and is used by the boost
control algorithm. Dimmer detection and dim level
calculations are dependent on specific levels of the line
voltage. Resistor Rrec is required to be set equal to
604k

For optimal performance, resistors Rrect and RBST
should use 1% or better resistors for best voltage
accuracy.
Boost Overvoltage Protection
The CS1680 supports boost overvoltage protection
(BOP) to protect bulk capacitor CBST (see Figure 13 on
T1BSTi
T2BSTi
BSTGD
IL
IPKBST
IL = 0
Figure 10. Continuous Conduction Mode Operation
IBSTPK max

VBSTPK th

RBST Sense

---------------------------------
=
[Eq.1]
IBSTPK OCP

VBSTOCP th

RBST Sense

---------------------------------
=
[Eq.2]
DBST
Vrect
VBST
Rrect
CS1680
IBSTOUT
BSTOUT
VAC
ADC
Iref
20k
20k
MUX
15
14
IVAC
RBST
LBST
Figure 11. VAC and BSTOUT Input Pin Model
VBST full

Iref
RBST 20k
+

=
[Eq.3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com