Electronic Components Datasheet Search
  English  ▼

X  

CS1680 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS1680
Description  Dimmable LED Driver IC for Low-voltage Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1680 Datasheet(HTML) 1 Page - Cirrus Logic

  CS1680 Datasheet HTML 1Page - Cirrus Logic CS1680 Datasheet HTML 2Page - Cirrus Logic CS1680 Datasheet HTML 3Page - Cirrus Logic CS1680 Datasheet HTML 4Page - Cirrus Logic CS1680 Datasheet HTML 5Page - Cirrus Logic CS1680 Datasheet HTML 6Page - Cirrus Logic CS1680 Datasheet HTML 7Page - Cirrus Logic CS1680 Datasheet HTML 8Page - Cirrus Logic CS1680 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright
 Cirrus Logic, Inc. 2014
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS1680
Dimmable LED Driver IC
for Low-voltage Lighting
Features
• Best-in-class Transformer Compatibility
- Magnetic Transformers
- Electronic Transformers
• Best-in-class Dimmer Compatibility
- Leading-edge (TRIAC) Dimmers
- Trailing-edge Dimmers
• High Efficiency
- Up to 80% for CS1680-00 Applications
- Up to 83% for CS1680-02 Applications
• Flicker-free Dimming
• 5% Minimum Dimming Level
• Cascade Boost-buck Topology with Constant-current
Output
- CS1680-00 Output Voltage
15V
- CS1680-02 Output Voltage
21V
• Fast Startup
• Tight LED Current Regulation: Better than ±10%
• >0.9 Power Factor on Magnetic Transformers
• Soft Start
• Protections:
- Output Open/Short
- Boost Overvoltage
- Overcurrent Detection
- External Overtemperature Using NTC
Overview
The CS1680 is a cascade boost-buck dimmable LED
driver for the 12V halogen lamp-replacement market.
The CS1680 uses a Cirrus Logic proprietary intelligent
digital control that provides exceptional single-lamp and
multi-lamp transformer compatibility for non-dimmer sys-
tems and dimmer systems paired with electronic and
magnetic low-voltage transformers.
The CS1680 integrates a continuous conduction mode
(CCM) boost converter that provides transformer com-
patibility and dimmer compatibility. An adaptive digital
algorithm controls the boost stage and dimmer compati-
bility operation mode to enable flicker-free operation
down to 5% output current with leading-edge and trail-
ing-edge dimmers.
Applications
• MR16 Lamps
• All 12VAC/VDC Low-voltage Lighting Applications
Ordering Information
See page 15
.
LED +
LED -
COUT
NTC
CBST
DBST
Q
B UCK
CS1680
VAC
BUCKGD
BSTOUT
9
CLAMP
BUCKZCD
BUCKSENSE
eOTP
12
2
13
RCLAMP
R
S
C
NTC
RBST
D1
12VAC/VDC
D2
Vrect
VBST
DBUCK
QCLAMP
C5
VDD
GPIO
BSTSENSE
BSTGD
C
rect
6
7
3
11
15
RBUCK(Sense)
RBST(Sense)
QBST
R4
Z2
D3
D4
GND
1
CTRL1
16
R
CTRL1
R1
C4
RCTRL2
CTRL2
4
5
14
Q1
Z1
R5
C1
C3
R3
U1
D5
D6
Rrect
C2
Q2
LBST
L
B UCK
R2
OCT’14
DS1055F1


Similar Part No. - CS1680

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16838 LEDIL-CS16838 Datasheet
19Mb / 4P
60째 wide beam. Ingress protected version.
CS16839 LEDIL-CS16839 Datasheet
18Mb / 5P
~90째 wide beam. Ingress protected version
CS16881 LEDIL-CS16881 Datasheet
3Mb / 5P
Type II/III (long) beam for very wide pole to pole distances
More results

Similar Description - CS1680

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSL2101 NXP-SSL2101 Datasheet
118Kb / 22P
SMPS IC for dimmable LED lighting
Rev. 04-28 August 2009
SSL2102 NXP-SSL2102 Datasheet
116Kb / 21P
Mains LED driver IC for dimmable LED lighting
Rev. 01-29 June 2009
SSL2103 NXP-SSL2103 Datasheet
414Kb / 21P
SMPS controller IC for dimmable LED lighting
Rev. 2-25 November 2010
SSL2101 PHILIPS-SSL2101_11 Datasheet
160Kb / 23P
Dimmable GreenChip driver for LED lighting
Rev. 4.1-5 December 2011
logo
Sanyo Semicon Device
LV5029MD SANYO-LV5029MD Datasheet
238Kb / 15P
LED Driver IC for LED Lighting
logo
Asahi Kasei Microsystem...
AP1651BEL AKM-AP1651BEL Datasheet
1Mb / 28P
Dimmable LED driver IC for Lighting
logo
ADTech
ADT6051 ADTECH-ADT6051 Datasheet
269Kb / 4P
Dimmable CC / CV IC for LED Lighting
logo
NXP Semiconductors
SSL3401HN PHILIPS-SSL3401HN Datasheet
351Kb / 29P
Low voltage dimmable controller for LED lighting
Rev. 2-28 January 2014
logo
Cypress Semiconductor
MB39C603 CYPRESS-MB39C603 Datasheet
1Mb / 30P
Phase Dimmable PSR LED Driver IC for LED Lighting
MB39C605 CYPRESS-MB39C605 Datasheet
1Mb / 26P
Phase Dimmable PSR LED Driver IC for LED Lighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com