Electronic Components Datasheet Search
  English  ▼

X  

CS1680 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS1680
Description  Dimmable LED Driver IC for Low-voltage Lighting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1680 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS1680 Datasheet HTML 2Page - Cirrus Logic CS1680 Datasheet HTML 3Page - Cirrus Logic CS1680 Datasheet HTML 4Page - Cirrus Logic CS1680 Datasheet HTML 5Page - Cirrus Logic CS1680 Datasheet HTML 6Page - Cirrus Logic CS1680 Datasheet HTML 7Page - Cirrus Logic CS1680 Datasheet HTML 8Page - Cirrus Logic CS1680 Datasheet HTML 9Page - Cirrus Logic CS1680 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS1680
6
DS1055F1
Notes:
1. Threshold is characterized as a percentage of the full-scale boost output voltage, VBST(full)
2. The CS1680 has an internal shunt regulator that limits the voltage on the VDD pin. VZ, the shunt regulation voltage, is defined in
the VDD Supply Voltage section on page 4.
3. For test purposes, load capacitance CL is connected to gate drive pins and is equal to 0.25nF.
4. Mode1 algorithm regulates value at the trough of the rectified waveform.
5. Mode2 algorithm regulates boost output voltage at the phase cut of each rectified waveform.
6. LED output current begins changing if boost output voltage is outside the Mode3 algorithm regulation range.
7. Accelerated increase in LED output current begins at clamp on and continues until the boost output voltage falls to clamp off.
8. External circuitry should be designed to ensure that the ZCD current drawn from the internal clamp diode when it is forward biased
does not exceed specification.
9. The conductance is specified in Siemens (S or 1/
). Each LSB of the internal ADC corresponds to 250nS or one parallel 4M
resistor. Full scale corresponds to 256 parallel 4M
 resistors or 15.625k.
10.
Specifications are guaranteed by design and are characterized and correlated using statistical process methods.
3.2 Thermal Resistance
3.3 Absolute Maximum Ratings
Characteristics conditions:
All voltages are measured with respect to GND.
Note:
11.
Transient current of up to 170mA will not cause SCR latch-up
12.
Long-term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation at
the rate of 50 mW /°C for variation over temperature.
WARNING:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Internal Overtemperature Protection (iOTP)
Thermal Shutdown Threshold
(Note 10)
TSD
-
135
-
ºC
Thermal Shutdown Hysteresis
(Note 10)
TSD(Hy)
-14
-
ºC
Symbol
Parameter
TSSOP
Unit
JA
Junction-to-Ambient Thermal Impedance
2 Layer PCB
4 Layer PCB
138
103
°C/W
°C/W
JC
Junction-to-Case Thermal Impedance
2 Layer PCB
4 Layer PCB
44
28
°C/W
°C/W
Pin
Symbol
Parameter
Value
Unit
6VDD
IC Supply Voltage
18.5
V
1, 2, 3, 8, 9,
10, 13, 14, 15, 16
Analog Input Maximum Voltage
-0.5 to (VDD+0.5)
V
1, 2, 3, 8, 9,
10, 13, 14, 15, 16
Analog Input Maximum Current
(Note 11)
5mA
5, 11, 12
VGD
Gate Drive Output Voltage
-0.3 to (VDD+0.3)
V
5, 11, 12
IGD
Gate Drive Output Current
-1.0 / +0.5
A
-PD
Total Power Dissipation
100
mW
-TJ
Junction Temperature Operating Range
(Note 12)
-40 to +125
°C
-TStg
Storage Temperature Range
-65 to +150
°C
All Pins
ESD
Electrostatic Discharge Capability
Human Body Model
Charged Device Model
2000
500
V
V
Parameter
Condition
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com