Electronic Components Datasheet Search
  English  ▼

X  

S29GL032A Datasheet(PDF) 43 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 43 Page - SPANSION

Back Button S29GL032A Datasheet HTML 39Page - SPANSION S29GL032A Datasheet HTML 40Page - SPANSION S29GL032A Datasheet HTML 41Page - SPANSION S29GL032A Datasheet HTML 42Page - SPANSION S29GL032A Datasheet HTML 43Page - SPANSION S29GL032A Datasheet HTML 44Page - SPANSION S29GL032A Datasheet HTML 45Page - SPANSION S29GL032A Datasheet HTML 46Page - SPANSION S29GL032A Datasheet HTML 47Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
January 28, 2005 S29GLxxxA_00_A2
S29GLxxxA MirrorBit™ Flash Family
41
Advance
Information
Table 23. Device Geometry Definition
Addresses
(x16)
Addresses
(x8)
Data
Description
27h
4Eh
00xxh
Device Size = 2N byte
0017h = 64 Mb, 0016h = 32Mb
28h
29h
50h
52h
000xh
0000h
Flash Device Interface description (refer to CFI publication 100)
0000h = x8-only bus devices
0001h = x16-only bus devices
0002h = x8/x16 bus devices
2Ah
2Bh
54h
56h
0005h
0000h
Max. number of byte in multi-byte write = 2N
(00h = not supported)
2Ch
58h
00xxh
Number of Erase Block Regions within device (01h = uniform device,
02h = boot device)
2Dh
2Eh
2Fh
30h
5Ah
5Ch
5Eh
60h
00xxh
000xh
00x0h
000xh
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
007Fh, 0000h, 0020h, 0000h = 32 Mb (-R1, -R2)
003Fh, 0000h, 0001h = 32 Mb (-R3, R4)
007Fh, 0000h, 0020h, 0000h = 64 Mb (-R1, -R2, -R8, -R9)
007Fh, 0000h, 0000h, 0001h = 64 Mb (-R3, -R4, -R5, -R6, -R7)
31h
32h
33h
34h
60h
64h
66h
68h
00xxh
0000h
0000h
000xh
Erase Block Region 2 Information (refer to CFI publication 100)
003Eh, 0000h, 0000h, 0001h = 32 Mb (-R1, -R2)
007Eh, 0000h, 0000h, 0001h = 64 Mb (-R1, -R2, -R8, -R9)
0000h, 0000h, 0000h, 0000h = all others
35h
36h
37h
38h
6Ah
6Ch
6Eh
70h
0000h
0000h
0000h
0000h
Erase Block Region 3 Information (refer to CFI publication 100)
39h
3Ah
3Bh
3Ch
72h
74h
76h
78h
0000h
0000h
0000h
0000h
Erase Block Region 4 Information (refer to CFI publication 100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com