Electronic Components Datasheet Search
  English  ▼

X  

S29GL032A Datasheet(PDF) 66 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 66 Page - SPANSION

Back Button S29GL032A Datasheet HTML 62Page - SPANSION S29GL032A Datasheet HTML 63Page - SPANSION S29GL032A Datasheet HTML 64Page - SPANSION S29GL032A Datasheet HTML 65Page - SPANSION S29GL032A Datasheet HTML 66Page - SPANSION S29GL032A Datasheet HTML 67Page - SPANSION S29GL032A Datasheet HTML 68Page - SPANSION S29GL032A Datasheet HTML 69Page - SPANSION S29GL032A Datasheet HTML 70Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
64
S29GLxxxA MirrorBit™ Flash Family
S29GLxxxA_00_A2 January 28, 2005
Ad van c e
Inf o rmation
Absolute Maximum Ratings
Storage Temperature, Plastic Packages. . . . . . . . . . . . . . . . –65°C to +150°C
Ambient Temperature with Power Applied . . . . . . . . . . . . . . –65°C to +125°C
Voltage with Respect to Ground:
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +4.0 V
A9, OE#, ACC and RESET# (Note 2) . . . . . . . . . . . . . –0.5 V to +12.5 V
All other pins (Note 1) . . . . . . . . . . . . . . . . . . . . . –0.5 V to VCC+0.5 V
Output Short Circuit Current (Note 3). . . . . . . . . . . . . . . . . . . . . . . . 200 mA
Notes:
1. Minimum DC voltage on input or I/Os is –0.5 V. During voltage transitions, inputs
or I/Os may overshoot VSS to –2.0 V for periods of up to 20 ns. See Figure 9.
Maximum DC voltage on input or I/Os is VCC + 0.5 V. During voltage transitions,
input or I/O pins may overshoot to VCC + 2.0 V for periods up to 20 ns. See Figure
10.
2. Minimum DC input voltage on pins A9, OE#, ACC, and RESET# is –0.5 V. During
voltage transitions, A9, OE#, ACC, and RESET# may overshoot VSS to –2.0 V for
periods of up to 20 ns. See Figure 9. Maximum DC input voltage on pin A9, OE#,
ACC, and RESET# is +12.5 V which may overshoot to +14.0V for periods up to
20 ns.
3. No more than one output may be shorted to ground at a time. Duration of the short
circuit should not be greater than one second.
4. Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational sections of this data sheet is not implied. Exposure of the device to
absolute maximum rating conditions for extended periods may affect device
reliability.
Operating Ranges
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Supply Voltages
VCC for full voltage range . . . . . . . . . . . . . . . . . . . . . . . . . +2.7 V to +3.6 V
VCC for regulated voltage range . . . . . . . . . . . . . . . . . . . . . +3.0 V to +3.6 V
VIO
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC
Note:Operating ranges define those limits between which the functionality of the device is guaranteed.
Figure 9. Maximum Negative
Overshoot Waveform
Figure 10. Maximum Positive
Overshoot Waveform
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com