Electronic Components Datasheet Search
  English  ▼

X  

S29GL032A Datasheet(PDF) 59 Page - SPANSION

Part # S29GL032A
Description  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A Datasheet(HTML) 59 Page - SPANSION

Back Button S29GL032A Datasheet HTML 55Page - SPANSION S29GL032A Datasheet HTML 56Page - SPANSION S29GL032A Datasheet HTML 57Page - SPANSION S29GL032A Datasheet HTML 58Page - SPANSION S29GL032A Datasheet HTML 59Page - SPANSION S29GL032A Datasheet HTML 60Page - SPANSION S29GL032A Datasheet HTML 61Page - SPANSION S29GL032A Datasheet HTML 62Page - SPANSION S29GL032A Datasheet HTML 63Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
January 28, 2005 S29GLxxxA_00_A2
S29GLxxxA MirrorBit™ Flash Family
57
Advance
Information
Write Operation Status
The device provides several bits to determine the status of a program or erase
operation: DQ2, DQ3, DQ5, DQ6, and DQ7. Table 27 and the following subsec-
tions describe the function of these bits. DQ7 and DQ6 each offer a method for
determining whether a program or erase operation is complete or in progress.
The device also provides a hardware-based output signal, RY/BY#, to determine
whether an Embedded Program or Erase operation is in progress or has been
completed.
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded
Program or Erase algorithm is in progress or completed, or whether the device is
in Erase Suspend. Data# Polling is valid after the rising edge of the final WE#
pulse in the command sequence.
During the Embedded Program algorithm, the device outputs on DQ7 the com-
plement of the datum programmed to DQ7. This DQ7 status also applies to
programming during Erase Suspend. When the Embedded Program algorithm is
complete, the device outputs the datum programmed to DQ7. The system must
provide the program address to read valid status information on DQ7. If a pro-
gram address falls within a protected sector, Data# Polling on DQ7 is active for
approximately 1 µs, then the device returns to the read mode.
During the Embedded Erase algorithm, Data# Polling produces a “0” on DQ7.
When the Embedded Erase algorithm is complete, or if the device enters the
Erase Suspend mode, Data# Polling produces a “1” on DQ7. The system must
provide an address within any of the sectors selected for erasure to read valid
status information on DQ7.
After an erase command sequence is written, if all sectors selected for erasing
are protected, Data# Polling on DQ7 is active for approximately 100 µs, then the
device returns to the read mode. If not all selected sectors are protected, the Em-
bedded Erase algorithm erases the unprotected sectors, and ignores the selected
sectors that are protected. However, if the system reads DQ7 at an address within
a protected sector, the status may not be valid.
Just prior to the completion of an Embedded Program or Erase operation, DQ7
may change asynchronously with DQ0–DQ6 while Output Enable (OE#) is as-
serted low. That is, the device may change from providing status information to
valid data on DQ7. Depending on when the system samples the DQ7 output, it
may read the status or valid data. Even if the device has completed the program
or erase operation and DQ7 has valid data, the data outputs on DQ0–DQ6 may
be still invalid. Valid data on DQ0–DQ7 will appear on successive read cycles.
Table 27 shows the outputs for Data# Polling on DQ7. Figure 7 shows the Data#
Polling algorithm. Figure 19 in the AC Characteristics section shows the Data#
Polling timing diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com