Electronic Components Datasheet Search
  English  ▼

X  

HMC8113 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC8113
Description  500 W Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8113 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC8113 Datasheet HTML 2Page - Analog Devices HMC8113 Datasheet HTML 3Page - Analog Devices HMC8113 Datasheet HTML 4Page - Analog Devices HMC8113 Datasheet HTML 5Page - Analog Devices HMC8113 Datasheet HTML 6Page - Analog Devices HMC8113 Datasheet HTML 7Page - Analog Devices HMC8113 Datasheet HTML 8Page - Analog Devices HMC8113 Datasheet HTML 9Page - Analog Devices HMC8113 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HMC8113
Data Sheet
Rev. 0 | Page 6 of 10
Table 4. POWER Connector Pins
Pin Label
Description
A
L1
B
GND
C
L2/N
D
Not internally connected
Table 5. CONTROL Connector Pins
Pin No.
Mnemonic
High Power Amplifier Input
or Output
Description
1
VENDOR_ALARM
TTL output
Low = normal operation
High = alarm (overcurrent/undercurrent condition, or gate voltage
dropout)
2
TEMPERATURE
TTL output
Low = normal operation
High = alarm
3
VSWR
TTL output
Low = normal operation
High = alarm
4
PWR_SUPPLY
TTL output
Low = power supply not functioning properly
High = normal operation
5, 6, 7, 16, 17
GROUND
Not applicable
Ground
8
ENABLE
TTL input
Low = standby (RF amplifier off)
High = enabled (RF amplifier on)
9
RESET
TTL input
Low = normal operation
High = reset latched alarms (held high for at least 500 ns)
10, 18 to 21
NIC
Not applicable
Not internally connected
11
ATTN_CLOCK
Serial peripheral interface (SPI)
SPI clock for gain control (up to 10 MHz)
12
ATTN_DIN
SPI
SPI 8-bit data for gain control. Clocked in on negative edge of ATTN
clock. Bit sequence 0 0 0 0 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 = 16 bits
total. D7 to D0 represents the 8-bit gain control data where D7 is the
MSB.
13
ATTN_SYNC
SPI
SPI latch enable for gain control (active low)
14
BATTLE_MODE
TTL input
Low = normal operation
High = do not shut down for alarms or self protection
Power supply alarms excluded
15
CAPTAIN
GND/open input
Ground = allow high power amplifier (HPA) to be enabled
Open = prohibit HPA from being enabled
Table 6. Connector Type
Connector No.
Mnemonic
Description
1
POWER
MS3450W20-4P
2
CONTROL
M28840/10AC1S1
3
RF IN
N-type female jack
4
RF OUT
N-type female jack
5
FWD
N-type female jack
6
REV
N-type female jack



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com