Electronic Components Datasheet Search
  English  ▼

X  

HMC8113 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8113
Description  500 W Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8113 Datasheet(HTML) 1 Page - Analog Devices

  HMC8113 Datasheet HTML 1Page - Analog Devices HMC8113 Datasheet HTML 2Page - Analog Devices HMC8113 Datasheet HTML 3Page - Analog Devices HMC8113 Datasheet HTML 4Page - Analog Devices HMC8113 Datasheet HTML 5Page - Analog Devices HMC8113 Datasheet HTML 6Page - Analog Devices HMC8113 Datasheet HTML 7Page - Analog Devices HMC8113 Datasheet HTML 8Page - Analog Devices HMC8113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2 GHz to 6 GHz,
500 W Power Amplifier
Data Sheet
HMC8113
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2 GHz to 6 GHz frequency range
85 dB typical small signal gain
57 dBm typical saturated output power
61 dB gain control range with 1 dB LSB
Standard 5U 19-inch rack chassis (per EIA-310D)
10°C to 50°C operating temperature
Status and control interface 5 V TTL compatible
8-bit SPI attenuator control
User replaceable air filter on front panel
Overtemperature and overvoltage standing wave ratio
protection
Alarm status communicated via front panel LED and control
connector
Air cooled by front to rear airflow (2 rear mounted fans)
Active RF hermetically sealed circuitry
Control printed wiring assemblies conformal coated for
environmental protection
Meets Grade A, high impact shock per MIL-S-901D
Meets MIL-STD-167-1A vibration
APPLICATIONS
Test and measurement equipment
Electronic warfare (EW)
Commercial and military radars
FUNCTIONAL BLOCK DIAGRAM
RF IN
POWER
CONTROL
REV
FWD
RF OUT
4
1
2
6
3
5
HMC8113
Figure 1.
GENERAL DESCRIPTION
The HMC8113 is a 500 W, gallium nitride (GaN), monolithic
microwave integrated circuit (MMIC), power amplifier (PA)
module that operates between 2 GHz and 6 GHz, provided in an
EIA-310D standard 5U 19-inch rack mount chassis. The
amplifier typically provides 85 dB of small signal gain and
57 dBm of saturated radio frequency (RF) output power. The
amplifier draws 3390 W of power from a 220 VAC supply. The
RF inputs and outputs are dc blocked and matched to 50 Ω for
ease of use.


Similar Part No. - HMC8113

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
Power Amplifier
Oct-2017
HMC8118 AD-HMC8118 Datasheet
504Kb / 27P
71 GHz to 76 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8118-SX AD-HMC8118-SX Datasheet
504Kb / 27P
71 GHz to 76 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8119 AD-HMC8119 Datasheet
510Kb / 27P
81 GHz to 86 GHz, E-Band I/Q Upconverter
Feb-2016
HMC8119-SX AD-HMC8119-SX Datasheet
510Kb / 27P
81 GHz to 86 GHz, E-Band I/Q Upconverter
Feb-2016
More results

Similar Description - HMC8113

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
DECT 500 mW power amplifier
2000 Mar 14
CGY2032TS PHILIPS-CGY2032TS Datasheet
60Kb / 12P
DECT 500 mW power amplifier
1999 Jul 21
logo
M/A-COM Technology Solu...
MAAP-010169 MA-COM-MAAP-010169 Datasheet
231Kb / 6P
10 W Power Amplifier
MAAP-010516 MA-COM-MAAP-010516 Datasheet
493Kb / 8P
3 W Power Amplifier
MAAP-015024-V3 MA-COM-MAAP-015024-V3 Datasheet
1,012Kb / 7P
Power Amplifier, 8 W
XP1050-QJ MA-COM-XP1050-QJ Datasheet
191Kb / 7P
2.5 W Power Amplifier
MAAP-008924 MA-COM-MAAP-008924_15 Datasheet
677Kb / 5P
Amplifier, Power, 1.2 W
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
Power Amplifier, 13 W
logo
STMicroelectronics
STA516BE STMICROELECTRONICS-STA516BE Datasheet
460Kb / 20P
500 W FFX digital amplifier power stage
02-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com