Electronic Components Datasheet Search
  English  ▼

X  

HMC8113 Datasheet(PDF) 8 Page - Analog Devices

Part # HMC8113
Description  500 W Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8113 Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC8113 Datasheet HTML 2Page - Analog Devices HMC8113 Datasheet HTML 3Page - Analog Devices HMC8113 Datasheet HTML 4Page - Analog Devices HMC8113 Datasheet HTML 5Page - Analog Devices HMC8113 Datasheet HTML 6Page - Analog Devices HMC8113 Datasheet HTML 7Page - Analog Devices HMC8113 Datasheet HTML 8Page - Analog Devices HMC8113 Datasheet HTML 9Page - Analog Devices HMC8113 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HMC8113
Data Sheet
Rev. 0 | Page 8 of 10
THEORY OF OPERATION
The HMC8113 is a 500 W, GaN, MMIC, PA module that
operates between 2 GHz and 6 GHz, provided in an EIA-310D
standard 5U 19-inch rack mount. The amplifier typically
provides 85 dB of small signal gain and 57 dBm of saturated
RF output power. The amplifier draws 3390 W of power from a
220 VAC supply. The RF inputs and outputs are dc blocked and
matched to 50 Ω for ease of use.
The HMC8113 is powered by 220 VAC and is suitable for both
rack-mounted applications, such as test and measurement, and
benchtop use. The amplifier is designed using Analog Devices,
Inc., GaN MMICs housed in a hermetic assembly. Driver
amplification and bias and pulse control are integrated in this
amplifier module.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com