Electronic Components Datasheet Search
  English  ▼

X  

HMC8113 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8113
Description  500 W Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8113 Datasheet(HTML) 3 Page - Analog Devices

  HMC8113 Datasheet HTML 1Page - Analog Devices HMC8113 Datasheet HTML 2Page - Analog Devices HMC8113 Datasheet HTML 3Page - Analog Devices HMC8113 Datasheet HTML 4Page - Analog Devices HMC8113 Datasheet HTML 5Page - Analog Devices HMC8113 Datasheet HTML 6Page - Analog Devices HMC8113 Datasheet HTML 7Page - Analog Devices HMC8113 Datasheet HTML 8Page - Analog Devices HMC8113 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
HMC8113
Rev. 0 | Page 3 of 10
SPECIFICATIONS
Power = 208 VAC, TA = 25°C, digital attenuator (DATT) set to 0 dB attenuation unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
2
6
GHz
GAIN
Small Signal Gain
85
dB
Input power (PIN) = −45 dBm
Power Gain
57
dB
PIN = 0 dBm
VOLTAGE STANDING WAVE RATIO
(VSWR)
Input
2:1
Output
2:1
RF OUTPUT
Saturated Output Power
PSAT
55.9
57
dBm
PIN = 0 dBm
Gain Control Range
61
dB
Output Power for 1 dB Compression
OP1dB
47.5
dBm
Output Third-Order Intercept
OIP3
57
dBm
Spurious
−60
dBc
Excluding harmonics
Harmonics
−12
dBc
RF COUPLED OUTPUTS
FWD Port Level
37
38
43
dBc
REV Port Level
46
50
53
dBc
Third-Order Intermodulation
Products
OIP3
−40
dBc
POUT = P1dB – 10 dB; 10 MHz spacing on two tones
CONTROL INPUTS
Input Voltage
High
VINH
2.0 to 5.0
V
Low
VINL
0 to 0.8
V
SWITCHING CHARACTERISTICS
PIN = −45 dBm
Cold Start
0.5
sec
From ac applied to the POWER connector
Standby Mode to ENABLE
5
ms
From rising edge of the ENABLE pin to the RF OUT
connector
Attenuation Level Change
0.3
ms
From rising edge of the ATTN_SYNC pin to the
RF OUT connector
ATTENUATION STEP ACCURACY
PIN = −45 dBm
1 dB Bit
−2
−1
0
dB
2 dB Bit
−3
−2
−1
dB
4 dB Bit
−5
−4
−3
dB
8 dB Bit
−9
−8
−7
dB
16 dB Bit
−18
−15
−14
dB
31 dB Bit
−33
−31
−29
dB
SUPPLY INPUTS
Voltage
175
220
227
VAC
Frequency
60
Hz
Power
2600
3390
W
WEIGHT
100
lbs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com