Electronic Components Datasheet Search
  English  ▼

X  

HMC8113 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC8113
Description  500 W Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8113 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC8113 Datasheet HTML 2Page - Analog Devices HMC8113 Datasheet HTML 3Page - Analog Devices HMC8113 Datasheet HTML 4Page - Analog Devices HMC8113 Datasheet HTML 5Page - Analog Devices HMC8113 Datasheet HTML 6Page - Analog Devices HMC8113 Datasheet HTML 7Page - Analog Devices HMC8113 Datasheet HTML 8Page - Analog Devices HMC8113 Datasheet HTML 9Page - Analog Devices HMC8113 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
HMC8113
Rev. 0 | Page 7 of 10
TYPICAL PERFORMANCE CHARACTERISTICS
70
72
74
76
78
80
82
84
86
88
90
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FREQUENCY (GHz)
TA = 10°C
TA = 25°C
TA = 50°C
Figure 3. Gain vs. Frequency at Various Temperatures
50
51
52
53
54
55
56
57
58
59
60
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
FREQUENCY (GHz)
TA = 10°C
TA = 25°C
TA = 50°C
Figure 4. Saturated Output Power (PSAT) vs. Frequency at Various
Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com