Electronic Components Datasheet Search
  English  ▼

X  

ISL6744ABZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6744ABZ
Description  Intermediate Bus PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6744ABZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6744ABZ Datasheet HTML 1Page - Intersil Corporation ISL6744ABZ Datasheet HTML 2Page - Intersil Corporation ISL6744ABZ Datasheet HTML 3Page - Intersil Corporation ISL6744ABZ Datasheet HTML 4Page - Intersil Corporation ISL6744ABZ Datasheet HTML 5Page - Intersil Corporation ISL6744ABZ Datasheet HTML 6Page - Intersil Corporation ISL6744ABZ Datasheet HTML 7Page - Intersil Corporation ISL6744ABZ Datasheet HTML 8Page - Intersil Corporation ISL6744ABZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN9147.8
September 22, 2005
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . GND - 0.3V to +20.0V
OUTA, OUTB . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to VDD
Signal Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 5V
Peak GATE Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1A
ESD Classification
Human Body Model (Per MIL-STD-883 Method 3015.7) . . .2000V
Machine Model (Per EIAJ ED-4701 Method C-111). . . . . . . .100V
Charged Device Model (Per EOS/ESD DS5.3, 4/14/93) . . .1000V
Operating Conditions
Temperature Range
ISL6744AU . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 105°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . 9-16 VDC
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
8 Lead MSOP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
128
8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
98
Maximum Junction Temperature . . . . . . . . . . . . . . . . -55°C to 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. All voltages are to be measured with respect to GND, unless otherwise specified.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. 9V < VD < 16V, RTD = 51.1kΩ, CT = 470pF, TA = -40°C to 105°C (Note 4), Typical values are at
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE
Start-Up Current, IDD
VDD < START Threshold
-
-
175
µA
Operating Current, IDD
RLOAD, COUTA,B = 0
-
2.89
-
mA
COUTA,B = 1nF
-
5
8.5
mA
UVLO START Threshold
5.9
6.3
6.6
V
UVLO STOP Threshold
5.3
5.7
6.3
V
Hysteresis
-0.6
-
V
CURRENT SENSE
Current Limit Threshold
0.55
0.6
0.65
V
CS to OUT Delay
(Note 4)
-
35
-
ns
CS Sink Current
810
-
mA
Input Bias Current
-1
-
1
µA
PULSE WIDTH MODULATOR
Minimum Duty Cycle
VERROR < CT Offset
-
-
0
%
Maximum Duty Cycle
CT = 470pF, RTD = 51.1kΩ
-94-
%
CT = 470pF, RTD = 1.1kΩ (Note 4)
-
99
-
%
CT to SS Comparator Input Gain
(Note 4)
-
1
-
V/V
SS to SS Comparator Input Gain
(Note 4)
-
0.8
-
V/V
ISL6744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com