Electronic Components Datasheet Search
  English  ▼

X  

ISL6744ABZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6744ABZ
Description  Intermediate Bus PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6744ABZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6744ABZ Datasheet HTML 2Page - Intersil Corporation ISL6744ABZ Datasheet HTML 3Page - Intersil Corporation ISL6744ABZ Datasheet HTML 4Page - Intersil Corporation ISL6744ABZ Datasheet HTML 5Page - Intersil Corporation ISL6744ABZ Datasheet HTML 6Page - Intersil Corporation ISL6744ABZ Datasheet HTML 7Page - Intersil Corporation ISL6744ABZ Datasheet HTML 8Page - Intersil Corporation ISL6744ABZ Datasheet HTML 9Page - Intersil Corporation ISL6744ABZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN9147.8
September 22, 2005
Typical Performance Curves
FIGURE 1. OSCILLATOR CT DISCHARGE CURRENT GAIN
FIGURE 2. DEADTIME vs CAPACITANCE
FIGURE 3. CAPACITANCE vs OSCILLATOR FREQUENCY
(RTD = 49.9k
Ω)
FIGURE 4. CHARGE CURRENT vs TEMPERATURE
FIGURE 5. TIMING CAPACITOR VOLTAGE vs RTD
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09 0.1
40
45
50
55
60
65
RTD CURRENT (mA)
10
20
30
40
50
60
70
80
90
100
10
100
1-103
1-104
RTD (k
Ω)
CT = 270pF
CT = 100pF
CT =
1000pF
680pF
470pF
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
CT (pF)
-40
-25
-10
5
35
50
65
80
95
110
0.95
0.97
0.98
0.99
1.01
1.03
TEMPERATURE (°C)
1.02
1.00
20
0.96
0
1020
30
5060
70
80
90
100
0.98
1.00
1.02
1.03
1.05
1.07
RTD (k
Ω)
1.06
1.04
40
0.99
1.01
ISL6744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com