Electronic Components Datasheet Search
  English  ▼

X  

ISL6744ABZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6744ABZ
Description  Intermediate Bus PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6744ABZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6744ABZ Datasheet HTML 1Page - Intersil Corporation ISL6744ABZ Datasheet HTML 2Page - Intersil Corporation ISL6744ABZ Datasheet HTML 3Page - Intersil Corporation ISL6744ABZ Datasheet HTML 4Page - Intersil Corporation ISL6744ABZ Datasheet HTML 5Page - Intersil Corporation ISL6744ABZ Datasheet HTML 6Page - Intersil Corporation ISL6744ABZ Datasheet HTML 7Page - Intersil Corporation ISL6744ABZ Datasheet HTML 8Page - Intersil Corporation ISL6744ABZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN9147.8
September 22, 2005
OSCILLATOR
Charge Current
143
156
170
µA
RTD Voltage
1.925
2
2.075
V
Discharge Current Gain
45
-
65
µA/µA
CT Valley Voltage
0.75
0.8
0.85
V
CT Peak Voltage
2.70
2.80
2.90
V
SOFT-START
Charging Current
45
-
68
µA
SS Clamp Voltage
3.8
4.0
4.2
V
Overcurrent Shutdown Threshold Voltage
(Note 4)
-
3.9
-
V
Overcurrent Discharge Current
12
15
23
µA
Reset Threshold Voltage
(Note 4)
0.25
0.27
0.30
V
OUTPUT
High Level Output Voltage (VOH)
VDD - VOUTA or VOUTB,
IOUT = -100mA
-0.5
2.0
V
Low Level Output Voltage (VOL)
IOUT = 100mA
-
0.5
1.0
V
Rise Time
CGATE = 1nF, VDD = 12V
-
17
60
ns
Fall Time
CGATE = 1nF, VDD = 12V
-
20
60
ns
THERMAL PROTECTION
Thermal Shutdown
(Note 4)
-
145
-
°C
Thermal Shutdown Clear
(Note 4)
-
130
-
°C
Hysteresis, Internal Protection
(Note 4)
-
15
-
°C
NOTES:
3. Specifications at -40°C are guaranteed by design, not production tested.
4. Guaranteed by design, not 100% tested in production.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to Block Diagram and Typical Application
schematic. 9V < VD < 16V, RTD = 51.1kΩ, CT = 470pF, TA = -40°C to 105°C (Note 4), Typical values are at
TA = 25°C (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com