Electronic Components Datasheet Search
  English  ▼

X  

ISL6744ABZ Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6744ABZ
Description  Intermediate Bus PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6744ABZ Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6744ABZ Datasheet HTML 10Page - Intersil Corporation ISL6744ABZ Datasheet HTML 11Page - Intersil Corporation ISL6744ABZ Datasheet HTML 12Page - Intersil Corporation ISL6744ABZ Datasheet HTML 13Page - Intersil Corporation ISL6744ABZ Datasheet HTML 14Page - Intersil Corporation ISL6744ABZ Datasheet HTML 15Page - Intersil Corporation ISL6744ABZ Datasheet HTML 16Page - Intersil Corporation ISL6744ABZ Datasheet HTML 17Page - Intersil Corporation ISL6744ABZ Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
FN9147.8
September 22, 2005
Waveforms
Typical waveforms can be found in the following Figures.
Figure 13 shows the output voltage ripple and noise at a 5A.
Figures 14 and 15 show the voltage waveforms at the
switching node shared by the upper FET source and the
lower FET drain. In particular, Figure 15 shows near ZVS
operation at 5A of load when the upper FET is turning off
and the lower FET is turning on. ZVS operation occurs
completely, implying that all the energy stored in the node
capacitance has been recovered. Figure 16 shows the
switching transition between outputs, OUTA and OUTB
during steady state operation. The deadtime duration of
46.9ns is clearly shown.
A 2.7V zener is added between the Vdd pins of ISL6700 and
ISL6744, in order to ensure that the PWM turns on only after
the driver has turned on, thereby ensuring the soft-start
function. Figure 17 shows the soft-start operation.
FIGURE 12. LINE REGULATION AT IOUT = 1A
13.5
13
12.5
12
11.5
10.5
42
44
45
46
47
48
49
50
51
53
INPUT VOLTAGE (V)
43
11
52
FIGURE 13. OUTPUT RIPPLE AND NOISE - 20MHz BW
FIGURE 14. FET DRAIN-SOURCE VOLTAGE
FIGURE 15. FET D-S VOLTAGE NEAR-ZVS TRANSITION
FIGURE 16. OUTA - OUTB TRANSITION
ISL6744



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com